Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016DJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2016DJ
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2016DJ Datasheet HTML 1Page - Monolithic Power Systems MP2016DJ Datasheet HTML 2Page - Monolithic Power Systems MP2016DJ Datasheet HTML 3Page - Monolithic Power Systems MP2016DJ Datasheet HTML 4Page - Monolithic Power Systems MP2016DJ Datasheet HTML 5Page - Monolithic Power Systems MP2016DJ Datasheet HTML 6Page - Monolithic Power Systems MP2016DJ Datasheet HTML 7Page - Monolithic Power Systems MP2016DJ Datasheet HTML 8Page - Monolithic Power Systems MP2016DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
2
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2016DJ*
TSOT23-5
|R2
-40
°C to +85°C
MP2016DD**
QFN-8 (2 x 3mm)
R2
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (g. MP2016DJ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2016DJ–LF–Z)
** For Tape & Reel, add suffix –Z (g. MP2016DD–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2016DD–LF–Z)
PACKAGE REFERENCE
TOP VIEW
N/C
VIN
GND
SHDN
1
2
3
4
N/C
OUT
FB
N/C
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECTED TO
GROUND PLAN
TSOT23-5
QFN-8 (2mm x 3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
IN , SHDN ....................................–0.3V to +45V
GND..................................... –0.3V to VIN + 0.3V
FB .............................................–0.3V to + 1.5V
Continuous Power Dissipation (TA = +25°C)
(2)
TSOT23-5………………………………...0.6.W
QFN8 (2X3mm)………………………….2.3W
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................4V to 42V
Output Voltage VOUT.........................1.2V to 40V
Maximum Junction Temp. (TJ) ................+125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-5 ..............................220 .... 110 ..
°C/W
QFN8 (2 x 3mm) .....................55 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com