Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016DJ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2016DJ
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DJ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2016DJ Datasheet HTML 1Page - Monolithic Power Systems MP2016DJ Datasheet HTML 2Page - Monolithic Power Systems MP2016DJ Datasheet HTML 3Page - Monolithic Power Systems MP2016DJ Datasheet HTML 4Page - Monolithic Power Systems MP2016DJ Datasheet HTML 5Page - Monolithic Power Systems MP2016DJ Datasheet HTML 6Page - Monolithic Power Systems MP2016DJ Datasheet HTML 7Page - Monolithic Power Systems MP2016DJ Datasheet HTML 8Page - Monolithic Power Systems MP2016DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
5
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
CIN = 1uF, COUT = 4.7uF, TA = +25ºC, unless otherwise noted.
Dropout Voltage
032
840
16
24
0
36
945
18
27
3
0.02
0.07
0.12
0.17
0.22
0.27
711
15
19
23
INPUT VOLTAGE (V)
Output Voltage vs.
Load Current
Output Voltage vs.
Load Current
Output Voltage vs.
Input Voltage
4.90
4.96
5.02
5.08
5.14
5.20
VIN=16V
11.8
11.9
12.0
12.1
12.2
12.3
IOUT
A
IOUT
A
10
15
20
25
30
35
40
45
4.92
4.94
4.96
4.98
5.00
5.02
Output Voltage vs.
Input Voltage
IOUT
A
IOUT
A
11.60
11.70
11.80
11.90
12.00
12.10
12
19
26
33
40
47
IOUT
A
0.01
0.1
1
10
100 1000
0
10
20
30
40
50
60
PSRR vs.Frequency
VIN=VSHDN=4V,
VOUT=1.8V OUT
VOUT=20V
IOUT
VOUT=12V
A
VIN=16V
4.80
4.84
4.88
4.92
4.96
5.00
VOUT vs. Temperature
VFB vs. Temperature
-50
-20
10
40
70
100
-50
-20
10
40
70
100
1.20
1.21
1.22
1.23
1.24
1.25
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com