Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC702CT Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # SC702CT
Description  600, 700, 702, 800 & 900 Series Overview
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

SC702CT Datasheet(HTML) 1 Page - Switchcraft, Inc.

  SC702CT Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Switchcraft
ProAudio
®
600, 700, 702, 800 & 900 Series Overview
SC600 Dual Adapter Box
700 Series A/V Direct Box
800 Series Instrument Direct Box
900 Series Instrument Direct Box with Phantom Lift
The all-in-one adapter every audio professional should have in their toolbox. The
SC600 combines many of the most commonly used and easily lost adapters into
one device (14 total). Each side of the box functions separately and can be used
as a universal adapter or as a passive splitter.
The perfect direct box for a wide variety of applications. The 700 Series converts
the outputs of equipment such as MP3 players, laptops and DJ mixers to balanced,
mic level signals that can be connected to audio consoles, mic preamps and house
sound systems. All stereo inputs on the 700 Series are summed to mono and
output to a single 3-Pin XLR connector.
A premium grade direct box for musical instruments. The 800 Series converts the
unbalanced outputs of guitars, keyboards and other instruments to balanced, mic
level signals that can be connected to audio consoles and mic preamps. Dual ¼ inch
thruputs, a feature not available on any other direct box, enables connection to
multiple devices such as an amp and a tuner, two amps and much more.
The new standard for live sound! The 900 Series incorporates a revolutionary new
innovation in DI technology…Phantom Lift. For the first time, the ground lift switch
can be controlled remotely using +48V phantom power from the console. The 900
Series is ideal for a wide variety of musical instruments, providing unmatched
performance and a truly uncolored audio output.
www.switchcraft.com
SC700CT A/V Direct Box - Custom Transformer
SC700
A/V Direct Box - Jensen Transformer
SC800CT Instrument Direct Box - Custom Transformer
SC800
Instrument Direct Box - Jensen Transformer
SC900CT Instrument Direct Box with Phantom Lift - Custom Transformer
SC900
Instrument Direct Box with Phantom Lift - Jensen Transformer
SC600
Dual Adapter Box
702 Series Stereo A/V Direct Box
SC702CT Stereo A/V Direct Box - Custom Transformer
SC702
Stereo A/V Direct Box - Jensen Transformer
Similar to the 700 Series, the 702 Series converts the outputs of equipment such as
MP3 players, laptops and DJ mixers to balanced, mic level signals that can be connected
to audio consoles, mic preamps and house sound systems. All stereo inputs are
maintained and output to two 3-Pin XLR connectors. A merge switch sums the stereo
inputs to mono and outputs two identical mono audio signal to each XLR output.


Similar Part No. - SC702CT

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7022 FAIRVIEW-SC7022 Datasheet
19Kb / 1P
SMA-M CONN .086 SR DIRECT SOLDER R ANGLE REV STRIPPING DIMENSIONS
REV A
SC7027 FAIRVIEW-SC7027 Datasheet
500Kb / 3P
RA SMA Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable
REV 2.0
SC7029 FAIRVIEW-SC7029 Datasheet
507Kb / 3P
SMA Male Connector Crimp/Solder Attachment For LMR-200 Cable
REV 2.0
More results

Similar Description - SC702CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
700 - 800 MHz Linear Power Amplifier
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
800 - 900 MHz LOW NOISE AMPLIFIER
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
Low Power 700/800/900 MHz
logo
Infineon Technologies A...
BGA735N16 INFINEON-BGA735N16 Datasheet
2Mb / 33P
High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23
logo
XP Power Limited
SMR600PS12 XPPOWER-SMR600PS12 Datasheet
729Kb / 4P
600-800 Watts SMR Series
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
XP Power Limited
QSB600 XPPOWER-QSB600 Datasheet
2Mb / 10P
600-700 W Isolated Output
logo
Pulse A Technitrol Comp...
LM800 PULSE-LM800 Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
Infineon Technologies A...
ICE5QR4770AZ INFINEON-ICE5QR4770AZ Datasheet
2Mb / 53P
Quasi-Resonant 700 V/800 V CoolSET
V 2.1 2017-08-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com