Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8831ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADN8831ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADN8831
Rev. A | Page 5 of 20
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC Controls
Logic Low Output Voltage
V
OL
TMPGD, SYNCO, I
OUT = 0 A
0.2
V
Logic High Output Voltage
V
OH
TMPGD, SYNCO, I
OUT = 0 A
V
DD − 0.2
V
Logic Low Input Voltage
V
IL
0.2
V
Logic High Input Voltage
V
IH
3
V
Output High Impedance
V
DD = 5.0 V
35
Ω
Output Low Impedance
V
DD = 5.0 V
20
Ω
Output High Impedance
V
DD = 3.0 V
50
Ω
Output Low Impedance
V
DD = 3.0 V
25
Ω
TEC CURRENT MEASUREMENT
ITEC Gain
A
V, ITEC
(V
ITEC – VREF/2) / (VLFB − VCS)
25
V/V
ITEC Output Range High
V
ITEC, HIGH
No load
V
DD − 0.05
V
ITEC Output Range Low
V
ITEC, LOW
0.05
V
ITEC Input Range2
V
CS, VLFB
0
V
DD
V
ITEC Bias Voltage
V
ITEC, B
V
LFB = VCS = 0
1.10
1.20
1.30
V
Maximum ITEC Driving Current
I
OUT, TEC
±1.5
mA
TEC VOLTAGE MEASUREMENT
VTEC Gain
A
V, VTEC
(V
VTEC – VREF/2)/(VLFB − VSFB)
0.23
0.25
0.28
V/V
VTEC Output Range2
V
VTEC
V
DD = 5.0 V
0.05
2.5
V
VTEC Bias Voltage2
V
VTEC, B
V
LFB = VSFB = 0 V
1.20
1.25
1.35
V
VTEC Output Load Resistance
R
VTEC
I
VTEC = 300 μA
35
Ω
VOLTAGE LIMIT
VLIM Gain
A
V, LIM
(V
LFB − VSFB)/VVLIM
5
V/V
VLIM Input Range2
V
VLIM
0
V
DD
V
VLIM Input Current, Cooling
I
VLIM, COOL
V
OUT2 < VREF/2
100
nA
VLIM Input Current, Heating
I
VLIM, HEAT
V
OUT2 > VREF/2
I
FREQ
mA
VLIM Input Current Accuracy, Heating
I
VLIM, HEAT
I
VLIM/IFREQ
0.8
1.0
1.18
A/A
CURRENT LIMIT
ILIMC Input Voltage Range
V
ILIMC
V
REF/2
V
DD − 1
V
ILIMH Input Voltage Range
V
ILIMH
0.1
V
REF/2
V
ILIMC Limit Threshold
V
TH, ILIMC
V
ITEC = 2.0 V, RS = 20 mΩ
1.98
2.0
2.02
V
ILIMH Limit Threshold
V
TH, ILIMH
V
ITEC = 0.5 V
0.48
0.5
0.52
V
TEMPERATURE GOOD
High Threshold
V
OUT1, TH1
IN2M tied to OUT2, V
IN2P = 1.5 V
1.55
1.60
V
Low Threshold
V
OUT1, TH2
IN2M tied to OUT2, V
IN2P = 1.5 V
1.40
1.45
V
1 Logic inputs meet typical CMOS I/O conditions for source/sink current (~1 µA).
2 Guaranteed by design or indirect test methods.
3 The ADN8831 does not work when the supply voltage is less than UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com