Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8831ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADN8831ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Thermoelectric Cooler (TEC) Controller
Data Sheet
ADN8831
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Two integrated zero drift, rail-to-rail, chop amplifiers
TEC voltage and current operation monitoring
Programmable TEC maximum voltage and current
Programmable TEC current heating and cooling limits
Configurable PWM switching frequency up to 1 MHz
Power efficiency: > 90%
Temperature lock indication
Optional internal or external clock source
Clock phase adjustment for multiple drop operation
Supports negative temperature coefficient (NTC) thermistors
or positive temperature coefficient (PTC) resistance
thermal detectors (RTDs)
5 V typical and optional 3 V supplies
Standby and shutdown mode availability
Adjustable soft start feature
5 mm × 5 mm 32-lead LFCSP
APPLICATIONS
Thermoelectric cooler (TEC) temperature control
DWDM optical transceiver modules
Optical fiber amplifiers
Optical networking systems
Instruments requiring TEC temperature control
GENERAL DESCRIPTION
The ADN8831 is a monolithic TEC controller. It has two inte-
grated, zero drift, rail-to-rail comparators, and a PWM driver.
A unique PWM driver works with an analog driver to control
external selected MOSFETs in an H-bridge. By sensing the
thermal detector feedback from the TEC, the ADN8831 can
drive a TEC to settle the programmable temperature of a laser
diode or a passive component attached to the TEC module.
The ADN8831 supports NTC thermistors or positive tempera-
ture coefficient (PTC) RTDs. The target temperature is set as an
analog voltage input either from a DAC or from an external
resistor divider driven by a reference voltage source.
A proportional integral differential (PID) compensation
network helps to quickly and accurately stabilize the ADN8831
thermal control loop. An adjustable PID compensation network
example is described in the AN-695 Application Note, Using the
ADN8831 TEC Controller Evaluation Board. A typical reference
voltage of 2.5 V is available from the ADN8831 for thermistor
temperature sensing or for TEC voltage/current measuring and
limiting in both cooling and heating modes.
FUNCTIONAL BLOCK DIAGRAM
AMPLIFIER
Chop2
AMPLIFIER
Chop1
IN1P
IN1N
OUT1
IN2P
IN2N
OUT2
LIMITER/MONITOR
REF
SOFT START
SHUTDOWN
OSCILLATOR
TMPGD VREF
SS/SB
PHASE
FREQ
SYNCI/SD
LINEAR
MOSFET
DRIVER
PWM
MOSFET
DRIVER
LFB
LPGATE
LNGATE
SFB
SPGATE
SNGATE
COMPSW
SW
COMPOSC
SYNCO
CONTROL
ILIMC
ILIMH
ITEC
VLIM
VTEC
CS
Figure 1.


Similar Part No. - ADN8831ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
More results

Similar Description - ADN8831ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
Thermoelectric Cooler (TEC) Controller
7/03-Data Sheet Changed from REV PrB to REV PrC.
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
REV. A
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
9/2018-Rev. A to Rev. B
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com