Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM77
Description  LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM77 Datasheet(HTML) 2 Page - Texas Instruments

  LM77 Datasheet HTML 1Page - Texas Instruments LM77 Datasheet HTML 2Page - Texas Instruments LM77 Datasheet HTML 3Page - Texas Instruments LM77 Datasheet HTML 4Page - Texas Instruments LM77 Datasheet HTML 5Page - Texas Instruments LM77 Datasheet HTML 6Page - Texas Instruments LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM77
SNIS103F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Figure 1.
Connection Diagram
Figure 2. SOIC-8 or VSSOP Package
See Package Number D0008A or DGK0008A
PIN DESCRIPTIONS
Pin Name
Pin No.
Description
Typical Connection
SDA
1
Serial Bi-Directional Data Line. Open Drain Output
From Controller
SCL
2
Serial Bus Clock Input
From Controller
T_CRIT_A
3
Critical Temperature Alarm Open Drain Output
Pull Up Resistor, Controller Interrupt Line or
System Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt Open Drain Output
Pull Up Resistor, Controller Interrupt Line
+VS
8
Positive Supply Voltage Input
DC Voltage from 3V to 5.5V
A0–A1
7,6
User-Set Address Inputs
Ground (Low, “0”) or +VS (High, “1”)
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com