Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM77
Description  LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM77 Datasheet(HTML) 1 Page - Texas Instruments

  LM77 Datasheet HTML 1Page - Texas Instruments LM77 Datasheet HTML 2Page - Texas Instruments LM77 Datasheet HTML 3Page - Texas Instruments LM77 Datasheet HTML 4Page - Texas Instruments LM77 Datasheet HTML 5Page - Texas Instruments LM77 Datasheet HTML 6Page - Texas Instruments LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
LM77 9-Bit + Sign Digital Temperature Sensor and Thermal Window Comparator with
Two-Wire Interface
Check for Samples: LM77
1
FEATURES
DESCRIPTION
The LM77 is a digital temperature sensor and thermal
2
Window Comparison Simplifies Design of
window comparator with an I2C Serial Bus interface.
ACPI Compatible Temperature Monitoring and
The window-comparator architecture of the LM77
Control.
eases the design of temperature control systems
Serial Bus Interface
conforming to the ACPI (Advanced Configuration and
Power
Interface)
specification
for
personal
Separate Open-Drain Outputs for Interrupt and
computers. The open-drain Interrupt (INT) output
Critical Temperature Shutdown
becomes active whenever temperature goes outside
Shutdown Mode to Minimize Power
a programmable window, while a separate Critical
Consumption
Temperature Alarm (T_CRIT_A) output becomes
Up to 4 LM77s Can be Connected to a Single
active
when
the
temperature
exceeds
a
Bus
programmable critical limit. The INT output can
operate in either a comparator or event mode, while
9-bit + Sign Output; Full-Scale Reading of Over
the T_CRIT_A output operates in comparator mode
128°C
only.
SOIC and VSSOP 8-lead Packages
The host can program both the upper and lower limits
of the window as well as the critical temperature limit.
APPLICATIONS
Programmable hysterisis as well as a fault queue are
System Thermal Management
available to minimize false tripping. Two pins (A0, A1)
are available for address selection. The sensor
Personal Computers
powers up with default thresholds of 2°C THYST, 10°C
Office Electronics
TLOW, 64°C THIGH, and 80°C T_CRIT.
Electronic Test Equipment
The LM77's 3.0V to 5.5V supply voltage range, Serial
Automotive
Bus interface, 9-bit + sign output, and full-scale range
HVAC
of over 128°C make it ideal for a wide range of
applications. These include thermal management and
KEY SPECIFICATIONS
protection
applications
in
personal
computers,
electronic
test
equipment,
office
electronics,
Supply Voltage 3.0V to 5.5V
automotive, and HVAC applications.
Supply Current
Operating
250
μA (typ)
500
μA (max)
Shutdown
5
μA (typ)
Temperature Accuracy
−10°C to 65°C, ±1.5°C(max)
−25°C to 100°C, ±2°C(max)
−55°C to 125°C, ±3°C(max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM77

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77 TI1-LM77 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI1-LM77 Datasheet
1Mb / 24P
9-Bit Sign Digital Temperature Sensor
LM77 TI2-LM77 Datasheet
1Mb / 28P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
REVISED MARCH 2013
logo
National Semiconductor ...
LM77000 NSC-LM77000 Datasheet
207Kb / 14P
Power Operational Amplifiers
More results

Similar Description - LM77

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com