Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1712AUJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1712AUJZ-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1712AUJZ-R7 Datasheet HTML 1Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 2Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 3Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 4Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 5Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 6Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 3 of 16
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.5 V (whichever is greater), IOUT = 10 mA, CIN = COUT = 2.2 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = –40°C to +125°C
2.5
5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 μA
60
μA
IOUT = 0 μA, TJ = –40°C to +125°C
70
μA
IOUT = 100 μA
75
μA
IOUT = 100 μA, TJ = –40°C to +125°C
85
μA
IOUT = 100 mA
210
μA
IOUT = 100 mA, TJ = –40°C to +125°C
250
μA
IOUT = 300 mA
365
μA
IOUT = 300 mA, TJ = –40°C to +125°C
420
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.1
μA
EN = GND, TJ = –40°C to +125°C
1.0
μA
FIXED OUTPUT VOLTAGE
VOUT
IOUT = 10 mA
–1
+1
%
ACCURACY (ADP1712 FIXED,
100 μA < IOUT < 300 mA, TJ = –40°C to +125°C
–2
+2
%
ADP1713, AND ADP1714)
ADJUSTABLE OUTPUT VOLTAGE
VOUT
IOUT = 10 mA
0.792
0.8
0.808
V
ACCURACY (ADP1712 ADJUSTABLE)1
100 μA < IOUT < 300 mA, TJ = –40°C to +125°C
0.784
0.8
0.816
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = –40°C to +125°C
–0.25
+0.25
%/ V
LOAD REGULATION2
∆VOUT/∆IOUT
IOUT = 10 mA to 300 mA
0.001
%/mA
IOUT = 10 mA to 300 mA, TJ = –40°C to +125°C
0.004
%/mA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 100 mA, VOUT ≥ 3.0 V
60
70
mV
IOUT = 100 mA, VOUT ≥ 3.0 V, TJ = –40°C to +125°C
80
mV
IOUT = 300 mA, VOUT ≥ 3.0 V
170
205
mV
IOUT = 300 mA, VOUT ≥ 3.0 V, TJ = –40°C to +125°C
230
mV
IOUT = 100 mA, 2.5 V ≤ VOUT < 3.0 V
70
85
mV
IOUT = 100 mA, 2.5 V ≤ VOUT < 3.0 V, TJ = –40°C to
+125°C
95
mV
IOUT = 300 mA, 2.5 V ≤ VOUT < 3.0 V
200
235
mV
IOUT = 300 mA, 2.5 V ≤ VOUT < 3.0 V, TJ = –40°C to
+125°C
270
mV
START-UP TIME4
TSTART-UP
ADP1712 Adjustable and ADP1714
70
μs
ADP1712 External Soft Start
CSS = 10 nF
7.3
ms
ADP1713
With 10 nF bypass capacitor
90
μs
CURRENT LIMIT THRESHOLD5
ILIMIT
380
500
700
mA
THERMAL SHUTDOWN THRESHOLD
TSSD
TJ rising
150
°C
THERMAL SHUTDOWN HYSTERESIS
TSSD-HYS
15
°C
SOFT-START SOURCE CURRENT
SSI-SOURCE
SS = GND
0.8
1.2
1.5
μA
(ADP1712 WITH EXTERNAL
SOFT START)
UVLO ACTIVE THRESHOLD
UVLOACTIVE
VIN falling
2
V
UVLO INACTIVE THRESHOLD
UVLOINACTIVE
VIN rising
2.45
V
UVLO HYSTERESIS
UVLOHYS
250
mV
VOUT to VTRK ACCURACY (ADP1714)
VTRK-ERROR
0 V ≤ VTRK ≤ (0.5 × VOUT(NOM)), VOUT(NOM) ≤ 1.8 V,
TJ = –40°C to +125°C
–40
+40
mV
0 V ≤ VTRK ≤ (0.5 × VOUT(NOM)), VOUT(NOM) > 1.8 V,
TJ = –40°C to +125°C
–80
+80
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com