Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1712AUJZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1712AUJZ-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1712AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 11Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 12Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 13Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 14Page - Analog Devices ADP1712AUJZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 11 of 16
ADJUSTABLE OUTPUT VOLTAGE
(ADP1712 ADJUSTABLE)
The ADP1712 adjustable version can have its output voltage
set over a 0.8 V to 5.0 V range. The output voltage is set by
connecting a resistive voltage divider from OUT to ADJ. The
output voltage is calculated using the equation
VOUT = 0.8 V (1 + R1/R2)
(2)
where:
R1 is the resistor from OUT to ADJ.
R2 is the resistor from ADJ to GND.
The maximum bias current into ADJ is 100 nA, so for less
than 0.5% error due to the bias current, use values less than
60 kΩ for R2.
BYPASS CAPACITOR (ADP1713)
The ADP1713 allows for an external bypass capacitor to be
connected to the internal reference, which reduces output
voltage noise and improves power supply rejection. A low
leakage capacitor of 1 nF or greater (10 nF is recommended)
must be connected between the BYP and GND pins.
TRACK MODE (ADP1714)
The ADP1714 includes a tracking mode feature. As shown in
Figure 28, if the voltage applied at the TRK pin is less than the
nominal output voltage, OUT is equal to the voltage at TRK.
Otherwise, OUT regulates to its nominal output value.
For example, consider an ADP1714 with a nominal output
voltage of 3 V. If the voltage applied to its TRK pin is greater than
3 V, OUT maintains a nominal output voltage of 3 V. If the volt-
age applied to TRK is reduced below 3 V, OUT tracks this voltage.
OUT can track the TRK pin voltage from the nominal value all
the way down to 0 V. A voltage divider is present from TRK to the
error amplifier input with a divider ratio equal to the divider
from OUT to the error amplifier. This sets the output voltage
equal to the tracking voltage. Both divider ratios are set by post-
package trim, depending on the desired output voltage.
4
05
VTRK (V)
0
3
2
1
12
34
Figure 28. ADP1714 Output Voltage vs. Tracking Voltage
with Nominal Output Voltage Set to 3 V
ENABLE FEATURE
The ADP1712/ADP1713/ADP1714 use the EN pin to enable
and disable the OUT pin under normal operating conditions.
As shown in Figure 29, when a rising voltage on EN crosses the
active threshold, OUT turns on. When a falling voltage on EN
crosses the inactive threshold, OUT turns off.
TIME (4ms/DIV)
EN
OUT
VIN =5V
VOUT =1.6V
COUT =2.2μF
ILOAD =10mA
1
Figure 29. ADP1712 Adjustable Typical EN Pin Operation
As can be seen, the EN pin has hysteresis built in. This prevents
on/off oscillations that can occur due to noise on the EN pin as
it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the IN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 30 shows typical EN active/inactive thresholds
when the input voltage varies from 2.5 V to 5.5 V.
1.4
0.5
2.50
5.50
VIN (V)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25
EN INACTIVE
EN ACTIVE
HYSTERESIS
Figure 30. Typical EN Pin Thresholds vs. Input Voltage
UNDERVOLTAGE LOCKOUT (UVLO)
The ADP1712/ADP1713/ADP1714 have an undervoltage
lockout circuit, which monitors the voltage on the IN pin.
When the voltage on IN drops below 2 V (minimum), the
circuit activates, disabling the OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com