Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1713AUJZ-1.2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1713AUJZ-1.2-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1713AUJZ-1.2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1713AUJZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP1713AUJZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
300 mA, Low Dropout
CMOS Linear Regulator
ADP1712/ADP1713/ADP1714
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 300 mA
Input voltage range: 2.5 V to 5.5 V
Light load efficient
IGND = 75 μA with 100 μA load
Low shutdown current: <1 μA
Very low dropout voltage: 170 mV @ 300 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2%
16 fixed output voltage options with soft start:
0.75 V to 3.3 V (ADP1712)
Adjustable output voltage option: 0.8 V to 5.0 V
(ADP1712 Adjustable)
16 fixed output voltage options with reference bypass:
0.75 V to 3.3 V (ADP1713)
16 fixed output voltage options with tracking:
0.75 V to 3.3 V (ADP1714)
Low output noise: 40 μV rms
High PSRR: 72 dB @ 1 kHz
Stable with small 2.2 μF ceramic output capacitor
Excellent load/line transient response
Current limit and thermal overload protection
Logic controlled enable
5-lead TSOT package
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
Post dc-dc regulation
TYPICAL APPLICATION CIRCUITS
IN
GND
EN
OUT
SS
1
2
3
5
4
ADP1712
2.2µF
VOUT = 3.3V
VIN = 5V
2.2µF
10nF
Figure 1. ADP1712 with Fixed Output Voltage and Soft-Start Capacitor, 3.3 V
IN
GND
EN
OUT
ADJ
1
2
3
5
4
ADP1712
ADJUSTABLE
2.2µF
2.2µF
R1
R2
VOUT = 0.8V(1 + R1/R2)
VIN = 5.5V
Figure 2. ADP1712 with Adjustable Output Voltage, 0.8 V to 5.0 V
IN
GND
EN
OUT
BYP
1
2
3
5
4
ADP1713
2.2µF
2.2µF
10nF
VIN = 3V
VOUT = 0.75V
Figure 3. ADP1713 with Fixed Output Voltage and Bypass Capacitor, 0.75 V
IN
GND
EN
OUT
TRK
1
2
3
5
4
2.2µF
2.2µF
0V TO 5V
3
2
1
0
VTRK (V)
123 45
VOUT (V)
VOUT
ADP1714
VIN = 3V
Figure 4. ADP1714 with Output Voltage Tracking
GENERAL DESCRIPTION
The ADP1712/ADP1713/ADP1714, available in a tiny, 5-lead
TSOT package, are low dropout linear regulators that operate
from 2.5 V to 5.5 V and provide up to 300 mA of output current.
The low 170 mV dropout voltage at a 300 mA load improves
efficiency and allows operation over a wide input voltage range.
Using a novel scaling architecture, ground current is a very low
75 μA when driving a 100 μA load, making the ADP1712/
ADP1713/ADP1714 ideal for battery-operated portable equipment.
The ADP1712/ADP1713/ADP1714 are available in 16 fixed
output voltage options. The ADP1712 is also available in an
adjustable version, which allows output voltages that range from
0.8 V to 5 V via an external divider. The ADP1712 fixed version
allows an external capacitor to be connected to program the
soft-start time. The ADP1713 allows a reference bypass capacitor
to be connected, which reduces output voltage noise and
improves power supply rejection. The ADP1714 includes a
tracking feature, which allows the output to follow an external
voltage rail or reference.
The ADP1712/ADP1713/ADP1714 are optimized for stable
operation with small 2.2 μF ceramic output capacitors, allowing
good transient performance while occupying minimal board
space. An enable pin controls the output voltage on all devices,
and an undervoltage lockout circuit disables the regulator if IN
drops below a minimum threshold. The parts also have short
circuit protection and thermal overload protection, which
prevent damage to the devices in adverse conditions.


Similar Part No. - ADP1713AUJZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1713AUJZ-1.2-R71 AD-ADP1713AUJZ-1.2-R71 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results

Similar Description - ADP1713AUJZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
300 mA very low dropout linear regulator IC
30-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com