Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T126STR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V2T126STR
Description  DUAL BUS BUFFER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T126STR Datasheet(HTML) 2 Page - STMicroelectronics

  74V2T126STR Datasheet HTML 1Page - STMicroelectronics 74V2T126STR Datasheet HTML 2Page - STMicroelectronics 74V2T126STR Datasheet HTML 3Page - STMicroelectronics 74V2T126STR Datasheet HTML 4Page - STMicroelectronics 74V2T126STR Datasheet HTML 5Page - STMicroelectronics 74V2T126STR Datasheet HTML 6Page - STMicroelectronics 74V2T126STR Datasheet HTML 7Page - STMicroelectronics 74V2T126STR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74V2T126
2/8
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: "H" or "L"
Z: High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 0.8V to 2V
PIN No
SYMBOL
NAME AND FUNCTION
1, 7
1G, 2G
Output Enable Inputs
2, 5
1A, 2A
Data Inputs
3, 6
2Y, 1Y
Data Outputs
4
GND
Ground (0V)
8
VCC
Positive Supply Voltage
nA
nG
nY
XL
Z
LHL
HHH
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
− 20
mA
IOK
DC Output Diode Current
− 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC =5.0 ± 0.5V)
0 to 20
ns/V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com