Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T126STR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V2T126STR
Description  DUAL BUS BUFFER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T126STR Datasheet(HTML) 3 Page - STMicroelectronics

  74V2T126STR Datasheet HTML 1Page - STMicroelectronics 74V2T126STR Datasheet HTML 2Page - STMicroelectronics 74V2T126STR Datasheet HTML 3Page - STMicroelectronics 74V2T126STR Datasheet HTML 4Page - STMicroelectronics 74V2T126STR Datasheet HTML 5Page - STMicroelectronics 74V2T126STR Datasheet HTML 6Page - STMicroelectronics 74V2T126STR Datasheet HTML 7Page - STMicroelectronics 74V2T126STR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74V2T126
3/8
DC SPECIFICATION
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
IOZ
High Impedance
Output Leakage
Current
5.5
VI =VIH or VIL
VO = 5.5 or GND
±0.25
± 2.5
± 5
µA
II
Input Leakage
Current
0to
5.5
VI = 5.5V or GND
± 0.1
± 1
± 1
µA
IOPD
Power down Output
Leakage Current
0
VO = 5.5
0.5
5
10
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
110
20
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
5.0(*)
15
3.8
5.5
1.0
6.5
1.0
7.5
ns
5.0(*)
50
4.3
6.5
1.0
7.5
1.0
8.5
tPLZ
tPHZ
Output Disable
Time
5.0(*)
15
RL =1 KΩ
3.6
5.0
1.0
6.0
1.0
7.0
5.0(*)
50
RL =1 KΩ
5.1
7.0
1.0
8.0
1.0
9.0
tPZL
tPZH
Output Enable
Time
5.0(*)
15
RL =1 KΩ
3.7
5.9
1.0
7.0
1.0
8.0
5.0(*)
50
RL =1 KΩ
4.1
6.5
1.0
7.5
1.0
8.5
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com