Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M09C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M09C
Description  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09C Datasheet(HTML) 1 Page - STMicroelectronics

  L78M09C Datasheet HTML 1Page - STMicroelectronics L78M09C Datasheet HTML 2Page - STMicroelectronics L78M09C Datasheet HTML 3Page - STMicroelectronics L78M09C Datasheet HTML 4Page - STMicroelectronics L78M09C Datasheet HTML 5Page - STMicroelectronics L78M09C Datasheet HTML 6Page - STMicroelectronics L78M09C Datasheet HTML 7Page - STMicroelectronics L78M09C Datasheet HTML 8Page - STMicroelectronics L78M09C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
April 2013
DocID2146 Rev 19
1/30
30
L78MxxC
Positive voltage regulators
Datasheet
- production data
Features
 Output current to 0.5 A
 Output voltages of 5; 6; 8; 9; 12; 15; 24 V
 Thermal overload protection
 Short circuit protection
 Output transition SOA protection
Description
The L78MxxC series of three-terminal positive
regulators is available in TO-220, TO-220FP,
DPAK and IPAK packages and with several fixed
output voltages, making it useful in a wide range
of applications. These regulators can provide
local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type employs internal current
limiting, thermal shutdown and safe area
protection, making it essentially indestructible. If
adequate heat sinking is provided, they can
deliver over 0.5 A output current. Although
designed primarily as fixed voltage regulators,
these devices can be used with external
components to obtain adjustable voltage and
currents.
TO-220FP
TO-220
DPAK
IPAK
Table 1. Device summary
Part numbers
Order codes
Output
voltages
TO-220
TO-220 (1)
TO-220FP
DPAK
IPAK
L78M05C
L78M05CV
L78M05CV-DG
L78M05CP
L78M05CDT-TR
L78M05CDT-1
5 V
L78M06C
L78M06CDT-TR
6 V
L78M08C
L78M08CV
L78M08CV-DG
L78M08CDT-TR
8 V
L78M09C
L78M09CV
L78M09CV-DG
L78M09CDT-TR
9 V
L78M12C
L78M12CV
L78M12CV-DG
L78M12CDT-TR
12 V
L78M15C
L78M15CV
L78M15CV-DG
L78M15CDT-TR
15 V
L78M24C
L78M24CV
L78M24CV-DG
L78M24CDT-TR
24 V
1.
TO-220 Dual Gauge frame
www.st.com


Similar Part No. - L78M09C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M09CDT STMICROELECTRONICS-L78M09CDT Datasheet
173Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jan-2004
L78M09CDT STMICROELECTRONICS-L78M09CDT Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATORS
January 2004
L78M09CDT-1 STMICROELECTRONICS-L78M09CDT-1 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATORS
January 2004
L78M09CDT-1 STMICROELECTRONICS-L78M09CDT-1 Datasheet
493Kb / 30P
Positive voltage regulators
29-Nov-2006
L78M09CDT-1 STMICROELECTRONICS-L78M09CDT-1 Datasheet
970Kb / 29P
Positive voltage regulators
19-Feb-2008
More results

Similar Description - L78M09C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com