Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXDV812 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TXDV812
Description  12 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TXDV812 Datasheet(HTML) 3 Page - STMicroelectronics

  TXDV812 Datasheet HTML 1Page - STMicroelectronics TXDV812 Datasheet HTML 2Page - STMicroelectronics TXDV812 Datasheet HTML 3Page - STMicroelectronics TXDV812 Datasheet HTML 4Page - STMicroelectronics TXDV812 Datasheet HTML 5Page - STMicroelectronics TXDV812 Datasheet HTML 6Page - STMicroelectronics TXDV812 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TXDVxx12
Characteristics
Doc ID 18272 Rev 2
3/7
Table 4.
Gate characteristics (maximum values)
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
1
W
PGM
Peak gate power dissipation
tp = 20 µs
10
W
IGM
Peak gate current
tp = 20 µs
4
A
VGM
Peak positive gate voltage
tp = 20 µs
16
V
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
60
°C/W
Rth(j-c) DC
Junction to case for DC
2.5
°C/W
Rth(j-c) AC
Junction to case for 360 °Conduction angle (F = 50 Hz)
1.9
°C/W
Figure 1.
Max. rms power dissipation versus
on-state rms current (F = 50Hz).
(curves limited by (dI/dt)c)
Figure 2.
Max. rms power dissipation and
max. allowable temperatures
(Tamb and Tcase) for various Rth
0123456789
10
11
12
0
2
4
6
8
10
12
14
16
18
20
180°
α
α
α = 180°
α = 120°
α = 90°
α = 60°
α = 30°
P(W)
I
(A)
T(RMS)
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
-90
-95
-100
-105
-110
-115
-120
-125
P(W)
T
(° C)
amb
T
(° C)
case
Rth case to ambient
R = 0° C/W
1° C/W
2° C/W
4° C/W
th
Figure 3.
On-state rms current versus case
temperature
Figure 4.
Relative variation of thermal
impedance versus pulse duration
0
10203040
5060708090
100 110 120 130
0
2
4
6
8
10
12
14
I
(A)
T(RMS)
T (°C)
C
α = 180°
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.1
1
Z/R
th
th
t (s)
p
Zth(j-c)
Zth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com