Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXDV812 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TXDV812
Description  12 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TXDV812 Datasheet(HTML) 4 Page - STMicroelectronics

  TXDV812 Datasheet HTML 1Page - STMicroelectronics TXDV812 Datasheet HTML 2Page - STMicroelectronics TXDV812 Datasheet HTML 3Page - STMicroelectronics TXDV812 Datasheet HTML 4Page - STMicroelectronics TXDV812 Datasheet HTML 5Page - STMicroelectronics TXDV812 Datasheet HTML 6Page - STMicroelectronics TXDV812 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
TXDVxx12
4/7
Doc ID 18272 Rev 2
Figure 9.
Safe turn-off operating area
Figure 5.
Relative variation of gate trigger
current and holding current versus
junction temperature
Figure 6.
Non repetitive surge peak on-state
current versus number of cycles
2.5
2.0
1.5
1.0
0.5
0.0
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110
T (°C)
j
IGT
IH
I[T ]
Hj
I [T =25°C]
Hj
I[T ]
GT
j
I
[T =25°C]
GT
j
.
120
100
80
60
40
20
0
0
10
100
1000
I
(A)
TSM
Number of cycles
T initial=25°C
j
One cycle
t = 20 ms
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding values of I2t
Figure 8.
On-state characteristics (maximum
values)
100
10
12
5
10
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
1000
100
10
1
12
3
4
5
6
I
(A)
TM
V
(V)
TM
Tj initial = 25° C
T max.
j
V =1.21V
R =0.040
T max.:
j
t0
t
Ω
1000
100
10
1
1
10
100
(dV/dt)c(V/µs)
Tj = 110° C
(dI/dt)c(A/ms)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com