Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2127 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2127
Description  2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2127 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2127 Datasheet HTML 1Page - Monolithic Power Systems MP2127 Datasheet HTML 2Page - Monolithic Power Systems MP2127 Datasheet HTML 3Page - Monolithic Power Systems MP2127 Datasheet HTML 4Page - Monolithic Power Systems MP2127 Datasheet HTML 5Page - Monolithic Power Systems MP2127 Datasheet HTML 6Page - Monolithic Power Systems MP2127 Datasheet HTML 7Page - Monolithic Power Systems MP2127 Datasheet HTML 8Page - Monolithic Power Systems MP2127 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2127
2.7-6V Input, 2A, 1.2MHz
Synchronous Step-Down Converter
MP2127 Rev. 0.91
www.MonolithicPower.com
1
4/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2127 is a fully integrated, internally
compensated 1.2MHz fixed frequency PWM
step-down converter. It is ideal for powering
portable equipment that runs from a single cell
Lithium-Ion (Li+) Battery, with an input range
from 2.7V to 6V. The MP2127 can provide up to
2A of load current with output voltage as low as
0.8V. It can also operate at 100% duty cycle for
low dropout applications. With peak current
mode control and internal compensation, the
MP2127 is stable with ceramic capacitors and
small inductors. Fault condition protection
includes cycle-by-cycle current limiting and
thermal shutdown.
MP2127 is available in the small 6-pin
3mmx3mm QFN package.
FEATURES
• Output Adjustable from 0.8V to VIN
• Up to 95% Efficiency
• 100% Duty Cycle for Low Dropout
Applications
• Power Good Indicator Output
• 1.2MHz Fixed Switching Frequency
• Stable with Low ESR Output Ceramic
Capacitors
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short circuit protection
• 2.7V-6V Input Operation Range
• Available in 6-pin 3x3mm QFN
APPLICATIONS
• Smart Phones, PDA’s
• DVD+/-RW Drives
• Digital Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2127
PVIN
VIN
GND
PGOOD
SW
FB 1
2
3
6
4
5
C1
10
VIN
2.7V 6V
L1
3.3
R1
20k
R2
40k
C1
33
VOUT
1.2V/2A
PGOOD
R3
100k
0
10
20
30
40
50
60
70
80
90
100
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Efficiency vs.
Load Current
LOAD CURRENT(A)
VIN=3V
VIN=5V


Similar Part No. - MP2127

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2127-BK1-80 MULTICOMP-MP2127-BK1-80 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2127-GY1-80 MULTICOMP-MP2127-GY1-80 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
More results

Similar Description - MP2127

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com