Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2127 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2127
Description  2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2127 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2127 Datasheet HTML 3Page - Monolithic Power Systems MP2127 Datasheet HTML 4Page - Monolithic Power Systems MP2127 Datasheet HTML 5Page - Monolithic Power Systems MP2127 Datasheet HTML 6Page - Monolithic Power Systems MP2127 Datasheet HTML 7Page - Monolithic Power Systems MP2127 Datasheet HTML 8Page - Monolithic Power Systems MP2127 Datasheet HTML 9Page - Monolithic Power Systems MP2127 Datasheet HTML 10Page - Monolithic Power Systems MP2127 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP2127 – 2.7-6V, 2A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2127 Rev. 0.91
www.MonolithicPower.com
11
4/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN6 (3mmx3mm)
SIDE VIEW
TOP VIEW
1
6
4
3
BOTTOM VIEW
2.90
3.10
1.40
1.60
2.90
3.10
2.20
2.40
0.95
BSC
0.35
0.45
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.50
0.95
0.40
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-229, VARIATION VEEA-2.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
2.30
0.80
PIN 1 ID OPTION A
R0.20 TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.35
0.55
PIN 1 ID
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com