Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2136EG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2136EG
Description  2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2136EG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2136EG Datasheet HTML 1Page - Monolithic Power Systems MP2136EG Datasheet HTML 2Page - Monolithic Power Systems MP2136EG Datasheet HTML 3Page - Monolithic Power Systems MP2136EG Datasheet HTML 4Page - Monolithic Power Systems MP2136EG Datasheet HTML 5Page - Monolithic Power Systems MP2136EG Datasheet HTML 6Page - Monolithic Power Systems MP2136EG Datasheet HTML 7Page - Monolithic Power Systems MP2136EG Datasheet HTML 8Page - Monolithic Power Systems MP2136EG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2136 – 2.5V TO 6V INPUT, 2MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2136 Rev. 0.9
www.MonolithicPower.com
4
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT=1.2V, L=1.2uH, C2=10uF, TA=25°C, unless otherwise noted.
VEN
2V/div.
VOUT
500mV/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
VEN
2V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
500mA/div.
VEN
2V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
1A/div.
VEN
2V/div.
VOUT
500mV/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
VEN
2V/div.
VOUT
500mV/div.
VSW
2V/div.
IINDUCTOR
1A/div.
VOUT/AC
10mV/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
VOUT/AC
10mV/div.
VSW
5V/div.
IINDUCTOR
500mA/div.
40us/div.
40us/div.
40us/div.
40us/div.
200ns/div.
200ns/div.
Steady State Operation
Vin=2.5V, Vo=1.2V, Io=1A
Steady State Operation
Vin=6V, Vo=1.2V, Io=0A
Start-up Through Enable
Vin=2.5V, Vo=1.2V, Io=0A
Start-up Through Enable
Vin=2.5V, Vo=1.2V, Io=1A
Start-Up Through EN
Vin=6V, Vo=1.2V, Io=0A
Start-Up Through EN
Vin=6V, Vo=1.2V, Io=1A
VOUT/AC
10mV/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
VOUT/AC
10mV/div.
VSW
5V/div.
IINDUCTOR
500mA/div.
200ns/div.
200ns/div.
Steady State Operation
Vin=2.5V, Vo=1.2V, Io=0A
Steady State Operation
Vin=6V, Vo=1.2V, Io=1A
2s/div.
Power-Down Through EN
Vin=2.5V, Vo=1.2V, Io=0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com