Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2136EG Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2136EG
Description  2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2136EG Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2136EG Datasheet HTML 3Page - Monolithic Power Systems MP2136EG Datasheet HTML 4Page - Monolithic Power Systems MP2136EG Datasheet HTML 5Page - Monolithic Power Systems MP2136EG Datasheet HTML 6Page - Monolithic Power Systems MP2136EG Datasheet HTML 7Page - Monolithic Power Systems MP2136EG Datasheet HTML 8Page - Monolithic Power Systems MP2136EG Datasheet HTML 9Page - Monolithic Power Systems MP2136EG Datasheet HTML 10Page - Monolithic Power Systems MP2136EG Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2136 – 2.5V TO 6V INPUT, 2MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2136 Rev. 0.9
www.MonolithicPower.com
10
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 2 for reference.
1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and low-side MOSFET.
2) Bypass ceramic capacitors are suggested to
be put close to the VIN Pin.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors as
close to the chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
Top Layer
Bottom Layer
Figure 2—MP2136 Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com