Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540NS/L Datasheet(PDF) 4 Page - International Rectifier

Part # IRF9540NS/L
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NS/L Datasheet(HTML) 4 Page - International Rectifier

  IRF9540NS/L Datasheet HTML 1Page - International Rectifier IRF9540NS/L Datasheet HTML 2Page - International Rectifier IRF9540NS/L Datasheet HTML 3Page - International Rectifier IRF9540NS/L Datasheet HTML 4Page - International Rectifier IRF9540NS/L Datasheet HTML 5Page - International Rectifier IRF9540NS/L Datasheet HTML 6Page - International Rectifier IRF9540NS/L Datasheet HTML 7Page - International Rectifier IRF9540NS/L Datasheet HTML 8Page - International Rectifier IRF9540NS/L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRF9540NS/L
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
ForwardVoltage
0
500
1000
1500
2000
2500
3000
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
20406080
100
G
A
Q , Total Gate Charge (nC)
V
= -80V
V
= -50V
V
= -20V
DS
DS
DS
FOR TEST CIRCUIT
SEE FIGURE 13
I
= -11A
D
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
T = 175°C
J
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10ms
A
-V
, Drain-to-Source Voltage (V)
DS
100µs
1ms
T
= 25°C
T
= 175°C
Single Pulse
C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com