Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540NS/L Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9540NS/L
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NS/L Datasheet(HTML) 1 Page - International Rectifier

  IRF9540NS/L Datasheet HTML 1Page - International Rectifier IRF9540NS/L Datasheet HTML 2Page - International Rectifier IRF9540NS/L Datasheet HTML 3Page - International Rectifier IRF9540NS/L Datasheet HTML 4Page - International Rectifier IRF9540NS/L Datasheet HTML 5Page - International Rectifier IRF9540NS/L Datasheet HTML 6Page - International Rectifier IRF9540NS/L Datasheet HTML 7Page - International Rectifier IRF9540NS/L Datasheet HTML 8Page - International Rectifier IRF9540NS/L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF9540NS/L
HEXFET® Power MOSFET
l
Advanced Process Technology
l
Surface Mount (IRF9540NS)
l
Low-profile through-hole (IRF9540NL)
l
175°C Operating Temperature
l
Fast Switching
l
P-Channel
l
Fully Avalanche Rated
03/11/03
S
D
G
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for
use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRF9540L) is available for low-
profile applications.
Description
VDSS = -100V
RDS(on) = 0.117Ω
ID = -23A
2
D Pak
TO-262
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.1
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V…
-23
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V…
-16
A
IDM
Pulsed Drain Current …
-76
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
0.91
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy‚…
430
mJ
IAR
Avalanche Current
-11
A
EAR
Repetitive Avalanche Energy
14
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
PD - 91483E


Similar Part No. - IRF9540NS/L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Kersemi Electronic Co.,...
IRF9540NS KERSEMI-IRF9540NS Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9540NS ISC-IRF9540NS Datasheet
297Kb / 2P
isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
332Kb / 11P
Advanced Process Technology
More results

Similar Description - IRF9540NS/L

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com