Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8905CLB Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8905CLB
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8905CLB Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A8905CLB Datasheet HTML 3Page - Allegro MicroSystems A8905CLB Datasheet HTML 4Page - Allegro MicroSystems A8905CLB Datasheet HTML 5Page - Allegro MicroSystems A8905CLB Datasheet HTML 6Page - Allegro MicroSystems A8905CLB Datasheet HTML 7Page - Allegro MicroSystems A8905CLB Datasheet HTML 8Page - Allegro MicroSystems A8905CLB Datasheet HTML 9Page - Allegro MicroSystems A8905CLB Datasheet HTML 10Page - Allegro MicroSystems A8905CLB Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8905
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
Adaptive Commutation Delay. The
adaptive commutation delay circuit uses the
back-EMF zero-crossing indicator signal
(FCOM) to determine an optimal commutation
time for efficient synchronous operation. This
circuit commutates the outputs, delayed from the
last zero crossing, using two external timing
capacitors, CD1 and CD2, to measure the time
between crossings.
Dwg. WP-016-2
FCOM
t FCOM
tCD1
VCWD
V
CD1
VCD2
t CD2
where
tCD = tFCOM x
CD1 charges up with a fixed current from its
2.5 V reference while FCOM is high. When
FCOM goes low at the next zero crossing, CD1 is
discharged at approximately twice the charging
current. When CD1 reaches the CD threshold, a
commutation occurs. CD2 operates similarly
except on the opposite phase of FCOM . Thus
the commutations occur approximately halfway
between zero crossings. The actual delay is
slightly less than halfway to compensate for
electrical delays in the motor, which improves
efficiency.
Because the commutation-delay capacitors
are adaptive in nature, the absolute value and
tolerance is not critical. In choosing these
capacitors, the voltage excursion should be 1.5 V to 2.5 V at rated speed.
Solving for C in the equation I = Cdv/dt, where dv = 2.5 V, I = 22
µA, and
dt = tFCOM =
Use of a capacitor slightly greater than this value will ensure that the commuta-
tion delay capacitors never charge to the high rail.
Blanking and Watchdog Timing Functions. The blanking and watchdog
timing functions are derived from one timing capacitor, CWD.
where
t
BLANK =
and
tWD =
The CWD capacitor begins charging at each commutation, initiating the
BLANK signal. BLANK is an internal signal that inhibits the back-EMF
comparators during the commutation transients, preventing errors due to
inductive recovery and voltage settling transients.
t BLANK
Dwg. WP-022
BLANK
CWD
V
V
TL
ICD(charge),
[ICD(discharge)]
VTL x CWD
ICWD
VTH x CWD
ICWD
20/RPM
#motor poles
WATCHDOG-TRIGGERED COMMUTATION
t BLANK
t WD
V
TL
VTH
Dwg. WP-021
BLANK
CWD
V
NORMAL COMMUTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com