Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8905CLB Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8905CLB
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8905CLB Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8905CLB Datasheet HTML 4Page - Allegro MicroSystems A8905CLB Datasheet HTML 5Page - Allegro MicroSystems A8905CLB Datasheet HTML 6Page - Allegro MicroSystems A8905CLB Datasheet HTML 7Page - Allegro MicroSystems A8905CLB Datasheet HTML 8Page - Allegro MicroSystems A8905CLB Datasheet HTML 9Page - Allegro MicroSystems A8905CLB Datasheet HTML 10Page - Allegro MicroSystems A8905CLB Datasheet HTML 11Page - Allegro MicroSystems A8905CLB Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
8905
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
VBRK
VFAULT - VD
acquire and minimizes settling. The Current Control Block Diagram illustrates
the YANK signal and its effects.
Braking. A dynamic braking feature of the A8905CLB shorts the three
motor windings to ground. This is accomplished by turning the three source
drivers OFF and the three sink drivers ON. Activation of the brake can be
implemented through the BRAKE input or through the D2 bit in the serial port.
The supply voltage for the brake circuitry is the CRES voltage, allowing the brake
function to remain active after power failure. Power-down braking with delay can
be implemented by using an external RC and other components to control the
brake terminal, as shown. Brake delay can be set using the equation below to
ensure that voice-coil head retract occurs before the spindle motor brake is
activated. Once the brake is activated, due to the inherent capacitive input, the
three sink drivers will remain active until the device is reset.
tBRK = RBCB
1 – ln
BRAKE
FAULT
VBRK
V
– V
FAULT
D
BRAKE
ACTIVATED
Dwg. OP-004
R
B
CB
t
BRK
Centertap. The A8905CLB internally
simulates the centertap voltage of the motor.
To obtain reliable start-up performance from
motor to motor, the motor centertap should be
connected to this terminal.
Serial Port. The serial port functions to
write various operational and diagnostic modes
to the A8905CLB. The serial port DATA IN is
enabled/disabled by the CHIP SELECT
terminal. When CHIP SELECT is high the
serial port is disabled and the chip is not
affected by changes in data at the DATA IN or
CLOCK terminals.
To write data to the serial port, the
CLOCK terminal should be low prior to the
CHIP SELECT terminal going low. Once
CHIP SELECT goes low, information on the
DATA IN terminal is read into the shift register
on the positive-going transition of the CLOCK.
There are 24 bits in the serial input port.
Data written into the serial port is latched
and becomes active upon the low-to-high
transition of the CHIP SELECT terminal at the
end of the write cycle. D0 will be the last bit
written to the serial port.
Reset. The RESET terminal (when pulled
low) clears all serial port bits, including the D0
latch, which puts the A8905CLB in the sleep
mode.
Dwg. EP-036-1
INDEX
CHIP SELECT
+5 V
VRET
C
WD
C D2
CD1
RESET
CLOCK
DATA IN
V
BB
C
ST
RES
C
CF2
R F1
CF1
BYPASS
0.22
µF
BYPASS
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
DD
V
BB
V
FLL
MUX
COMMUTATION
DELAY
BOOST
CHARGE
PUMP
OSC (REF)
DATA OUT
FAULT
RB
CB
TYPICAL
APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com