Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFS3607PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3607PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFS3607PBF Datasheet HTML 1Page - International Rectifier IRFS3607PBF Datasheet HTML 2Page - International Rectifier IRFS3607PBF Datasheet HTML 3Page - International Rectifier IRFS3607PBF Datasheet HTML 4Page - International Rectifier IRFS3607PBF Datasheet HTML 5Page - International Rectifier IRFS3607PBF Datasheet HTML 6Page - International Rectifier IRFS3607PBF Datasheet HTML 7Page - International Rectifier IRFS3607PBF Datasheet HTML 8Page - International Rectifier IRFS3607PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRFB/S/SL3607PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
0.0
0.5
1.0
1.5
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
70
75
80
85
90
95
100
Id = 5mA
-10
0
10
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
450
500
ID
TOP
5.6A
11A
BOTTOM 46A
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com