Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS3607PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3607PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS3607PBF Datasheet HTML 1Page - International Rectifier IRFS3607PBF Datasheet HTML 2Page - International Rectifier IRFS3607PBF Datasheet HTML 3Page - International Rectifier IRFS3607PBF Datasheet HTML 4Page - International Rectifier IRFS3607PBF Datasheet HTML 5Page - International Rectifier IRFS3607PBF Datasheet HTML 6Page - International Rectifier IRFS3607PBF Datasheet HTML 7Page - International Rectifier IRFS3607PBF Datasheet HTML 8Page - International Rectifier IRFS3607PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
01/20/12
Benefits
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche SOA
l Enhanced body diode dV/dt and dI/dt
Capability
www.irf.com
1
IRFB3607PbF
IRFS3607PbF
IRFSL3607PbF
Applications
l High Efficiency Synchronous Rectification in
SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
HEXFET® Power MOSFET
S
D
G
VDSS
75V
RDS(on) typ.
7.34m
:
max.
9.0m:
ID
80A
GD
S
Gate
Drain
Source
TO-220AB
IRFB3607PbF
D
S
D
G
D
D
S
G
D2Pak
IRFS3607PbF
TO-262
IRFSL3607PbF
S
D
G
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case
k
–––
1.045
RCS
Case-to-Sink, Flat Greased Surface, TO-220
0.50
–––
°C/W
RJA
Junction-to-Ambient, TO-220
j
–––
62
RJA
Junction-to-Ambient (PCB Mount) , D
2Pak jk
–––
40
120
46
14
140
-55 to + 175
± 20
0.96
10lb
x in (1.1Nx m)
300
Max.
80
™
56
™
310
PD - 97308C


Similar Part No. - IRFS3607PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3607PBF IRF-IRFS3607PBF Datasheet
425Kb / 11P
HEXFET Power MOSFET
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
logo
Thinki Semiconductor Co...
IRFS3607PBF THINKISEMI-IRFS3607PBF Datasheet
1Mb / 7P
ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
logo
International Rectifier
IRFS3607PBF IRF-IRFS3607PBF_15 Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS3607PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF_15 Datasheet
367Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFP3306PBF IRF-IRFP3306PBF_15 Datasheet
301Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP4004PBF IRF-IRFP4004PBF_15 Datasheet
300Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4768PBF INFINEON-IRFP4768PBF Datasheet
476Kb / 9P
High Efficiency Synchronous Rectification in SMPS
2016-12-12
IRFP4568PBP INFINEON-IRFP4568PBP Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
09/08/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com