Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2209 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2209
Description  16V, 2A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2209 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2209 Datasheet HTML 1Page - Monolithic Power Systems MP2209 Datasheet HTML 2Page - Monolithic Power Systems MP2209 Datasheet HTML 3Page - Monolithic Power Systems MP2209 Datasheet HTML 4Page - Monolithic Power Systems MP2209 Datasheet HTML 5Page - Monolithic Power Systems MP2209 Datasheet HTML 6Page - Monolithic Power Systems MP2209 Datasheet HTML 7Page - Monolithic Power Systems MP2209 Datasheet HTML 8Page - Monolithic Power Systems MP2209 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2209
16V, 2A, 600kHz Synchronous
Step-Down Converter
MP2209 Rev. 1.01
www.MonolithicPower.com
1
7/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2209 is an internally compensated
600kHz fixed frequency PWM synchronous
step-down regulator. With a 3V to 6V bias
supply, MP2209 operates from a 3V to 16V
input and generates an adjustable output
voltage from 0.8V to 0.9xVIN at up to 2A load
current.
The MP2209 integrates a 80mΩ high-side
switch and a 80mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, it can be stabilized with
ceramic capacitors and small inductors. Fault
condition
protection
includes
short-circuit
protection, cycle-by-cycle current limiting and
thermal shutdown.
The MP2209 is available in small 3mmx4mm
14-lead QFN packages.
FEATURES
• 2A Output Current
• Input Supply Range: 3V to 16V
• 80mΩ Internal Power MOSFET Switches
• Stable with Ceramic Output Capacitors
• High Efficiency
• 600kHz Fixed Switching Frequency
• Adjustable Output from 0.8V to 0.9xVIN
• Frequency Synchronization
• Power Good Pin
• Thermal Shutdown
• Cycle-by-Cycle Current Limiting
• Short Circuit Protection
• 3mmx4mm 14-lead QFN Package
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2209
BS
IN
FB
SW
14
4, 11
13
8
7
1, 3, 12
5, 10
EN/SYNC
VCC
POK
SS
AGND/PGND
VOUT
1.8V / 2A
VIN
3V to 16V
VCC
3V to 6V
9
2
C6
10nF
Efficiency vs.
Load Current
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)


Similar Part No. - MP2209

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MP220-100-A RCD-MP220-100-A Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-B RCD-MP220-100-B Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-C RCD-MP220-100-C Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-D RCD-MP220-100-D Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-F RCD-MP220-100-F Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
More results

Similar Description - MP2209

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com