Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2209 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2209
Description  16V, 2A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2209 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2209 Datasheet HTML 4Page - Monolithic Power Systems MP2209 Datasheet HTML 5Page - Monolithic Power Systems MP2209 Datasheet HTML 6Page - Monolithic Power Systems MP2209 Datasheet HTML 7Page - Monolithic Power Systems MP2209 Datasheet HTML 8Page - Monolithic Power Systems MP2209 Datasheet HTML 9Page - Monolithic Power Systems MP2209 Datasheet HTML 10Page - Monolithic Power Systems MP2209 Datasheet HTML 11Page - Monolithic Power Systems MP2209 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2209 – 16V, 2A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2209 Rev. 1.01
www.MonolithicPower.com
11
7/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. If
electrolytic capacitor is used, pay attention to
output ripple voltage, extra heating, and the
selection of feedback resistor R1 (refer to “Output
Voltage Setting” section) due to large ESR of
electrolytic capacitor.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance. If change
is necessary, please follow the guidelines as
follows. Here, the typical application circuit is
taken as an example to illustrate the layout rules
should be followed.
1) For MP2209, a PCB layout with >=4 layers is
recommended.
2) The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces.
3)
Two
input
ceramic
capacitors
(2
x
(10μF~22μF)) are strongly recommended to be
placed on both sides of the MP2209DL package
and keep them as close as possible to the “IN”
and “GND” pins.
4) A RC (see the typical application circuit,
R4=10Ω, C4=1μF ceramic capacitor) low pass
filter is recommended for VCC supply. C4 must
be placed as close as possible to “VCC” pin and
“GND” pin.
5) The external feedback resistors shall be
placed next to the FB pin. Keep the FB trace as
short as possible.
6) Keep the switching node SW short and away
from the feedback network.
Top layer
Inner layer-1
Inner layer-2
Bottom layer
Figure 2―PCB Layout (Four Layers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com