Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2249 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2249
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2249 Datasheet HTML 1Page - Monolithic Power Systems MP2249 Datasheet HTML 2Page - Monolithic Power Systems MP2249 Datasheet HTML 3Page - Monolithic Power Systems MP2249 Datasheet HTML 4Page - Monolithic Power Systems MP2249 Datasheet HTML 5Page - Monolithic Power Systems MP2249 Datasheet HTML 6Page - Monolithic Power Systems MP2249 Datasheet HTML 7Page - Monolithic Power Systems MP2249 Datasheet HTML 8Page - Monolithic Power Systems MP2249 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2249 Rev.1.0
www.MonolithicPower.com
4
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
TQFN10
SOIC8E
Name
Description
6, 7, 8
5, 6
SW
Power Switch Output. Inductor connection to drains of the internal PFET
and NFET switches.
9
7
PG
Power-good indicator. PG is pulled low when output is outside the window
of regulation or the device enters shutdown.
10
8
EN
Regulator Enable Control Input. Drive EN above 1.8V to turn on the
MP2249. Drive EN below 0.4V to turn it off. EN is pulled to GND with a
450kΩ internal resistor.
1
1
FB
Feedback Input. Connect FB to the center point of the external resistor
divider. The feedback threshold voltage is 0.6V.
2, 3
Exposed
Pad
2, 3
Exposed
Pad
GND
Ground. Connect Exposed Pad to ground plane for optimal thermal
performance.
4, 5
4
PVIN
Power Stage Supply Input. Bypass to GND with a 2.2µF or bigger ceramic
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com