Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2249 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2249
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2249 Datasheet HTML 1Page - Monolithic Power Systems MP2249 Datasheet HTML 2Page - Monolithic Power Systems MP2249 Datasheet HTML 3Page - Monolithic Power Systems MP2249 Datasheet HTML 4Page - Monolithic Power Systems MP2249 Datasheet HTML 5Page - Monolithic Power Systems MP2249 Datasheet HTML 6Page - Monolithic Power Systems MP2249 Datasheet HTML 7Page - Monolithic Power Systems MP2249 Datasheet HTML 8Page - Monolithic Power Systems MP2249 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2249
1MHz, 6V, 3A, Low-Voltage
Synchronous Step-Down Converter
MP2249 Rev.1.0
www.MonolithicPower.com
1
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2249 is a 1MHz constant frequency,
current mode, PWM step-down converter. The
device integrates a main switch and a
synchronous rectifier for high efficiency and
eliminates the need for an external Schottky
diode. It is ideal for powering portable
equipment that runs from a single cell Lithium-
Ion (Li+) battery.
The MP2249 can supply 3A of load current from
a 2.5V to 6V input voltage. It can run at 100%
duty cycle for low dropout applications. The
MP2249 provides internal soft-start control to
reduce rush current and output discharge
function to control discharging of the output
capacitor.
The MP2249 is available in small 3mmx3mm
TQFN10 or SOIC8E package.
FEATURES
• High Efficiency: Up to 90%
• Power Save Mode at Light Load
• 1MHz Constant Switching Frequency
• Up to 4.5A Peak Current
• 2.5V to 6V Input Voltage Range
• Output Adjustable from 0.6V to VIN
• 100% Duty Cycle in Dropout
• Output Discharge Function
• Internal Soft-Start Control
• Power Good Indicator
•
Short Circuit Protection
• Thermal Fault Protection
• Available in 3mmx3mm TQFN10 or SOIC8E
Package
APPLICATIONS
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN
GND
MP2249
PVIN
FB
SW
L1
2.2 H
R1
C2
R2
ON OFF
VIN /5V
VOUT /1.8V
PG
R3
PVIN
PG
C1
10
10
C3
22
C4


Similar Part No. - MP2249

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240GJ MPS-MP2240GJ Datasheet
567Kb / 16P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240GJ MPS-MP2240GJ Datasheet
251Kb / 5P
High-Efficiency, 3A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2249

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2249 MPS-MPQ2249 Datasheet
342Kb / 14P
Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com