Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20200C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20200C
Description  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20200C Datasheet HTML 1Page - STMicroelectronics STPS20200C Datasheet HTML 2Page - STMicroelectronics STPS20200C Datasheet HTML 3Page - STMicroelectronics STPS20200C Datasheet HTML 4Page - STMicroelectronics STPS20200C Datasheet HTML 5Page - STMicroelectronics STPS20200C Datasheet HTML 6Page - STMicroelectronics STPS20200C Datasheet HTML 7Page - STMicroelectronics STPS20200C Datasheet HTML 8Page - STMicroelectronics STPS20200C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID024382 Rev 2
3/15
STPS20200C
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 0.6 x IF(AV) + 0.01 IF
2
(RMS)
Note:
More information is available in the application notes:
AN604 Calculation of conduction losses in a power rectifier
AN4021 Calculation of reverse losses in a power diode
Table 4. Static electrical characteristics (per diode)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
15
µA
Tj = 125 °C
1.3
7
mA
Tj = 125 °C
VR = 150 V
4.5
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 10 A
0.86
V
Tj = 125 °C
0.64
0.70
V
1. Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com