Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20200C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20200C
Description  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20200C Datasheet HTML 1Page - STMicroelectronics STPS20200C Datasheet HTML 2Page - STMicroelectronics STPS20200C Datasheet HTML 3Page - STMicroelectronics STPS20200C Datasheet HTML 4Page - STMicroelectronics STPS20200C Datasheet HTML 5Page - STMicroelectronics STPS20200C Datasheet HTML 6Page - STMicroelectronics STPS20200C Datasheet HTML 7Page - STMicroelectronics STPS20200C Datasheet HTML 8Page - STMicroelectronics STPS20200C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
STPS20200C
4/15
DocID024382 Rev 2
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Forward voltage drop versus forward
current (per diode)
P
(W)
F(AV)
0
1
2
3
4
5
6
7
8
9
10
01
234
567
89
10
11
12
T
δ=tp/T
tp
δ = 1
δ = 0.1
δ = 0.05
δ = 0.5
δ = 0.2
I
(A)
F(AV)
IFM(A)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(Maximum values)
(Typical values)
(Maximum values)
Tj = 25 °C
Tj = 25 °C
Tj = 125 °C
Tj = 125 °C
(Typical values)
VFM(V)
Figure 3. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure 4. Junction capacitance versus reverse
voltage applied (typical values, per diode)
I (mA)
R
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
20
40
60
80
100
120
140
160
180
200
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=50°C
T
j=75°C
V (V)
R
C(pF)
10
100
1000
1
10
100
1000
F=1MHz
V
OSC=30mVRMS
T
j=25°C
V(V)
R
Figure 5. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 6. Relative variation of thermal
impedance junction to case versus pulse
duration (TO-220FPAB)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
TO-220AB / TO-220AB narrow leads / D²PAK
t (s)
p
T
δ=tp/T
tp
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Single pulse
t (s)
p
T
δ=tp/T
tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com