Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20200CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20200CT
Description  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20200CT Datasheet HTML 1Page - STMicroelectronics STPS20200CT Datasheet HTML 2Page - STMicroelectronics STPS20200CT Datasheet HTML 3Page - STMicroelectronics STPS20200CT Datasheet HTML 4Page - STMicroelectronics STPS20200CT Datasheet HTML 5Page - STMicroelectronics STPS20200CT Datasheet HTML 6Page - STMicroelectronics STPS20200CT Datasheet HTML 7Page - STMicroelectronics STPS20200CT Datasheet HTML 8Page - STMicroelectronics STPS20200CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
October 2013
DocID024382 Rev 2
1/15
15
STPS20200C
Power Schottky diode
Datasheet
− production data
Features
• Low forward voltage drop
• Very small conduction losses
• Negligible switching losses
• Extremely fast switching
• Low thermal resistance
• -40°C minimum operating Tj
• Insulated package: TO-220FPAB
– Insulating voltage: 2000 V DC
– Capacitance: 45 pF
• ECOPACK®2 compliant component
Description
This device is a dual center tap 200 V Schottky
rectifier suited for switch mode power supplies
and high frequency DC to DC converters.
Packaged in TO-220AB, TO-220AB narrow-leads,
TO-220FPAB and D²PAK, it is especially intended
for use as secondary rectification in SMPS and is
also ideal for all LED lighting applications.
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
200 V
Tj(max)
175 °C
VF(typ)
0.64 V
K
K
K
K
K
K
A2
A2
A2
A2
A1
A1
A1
A1
K
A1
A2
TO-220AB
STPS20200CT
D2PAK
STPS20200CG-TR
TO-220FPAB
STPS20200CFP
TO-220AB
narrow leads
STPS20200CTN
Diode 1
Diode 2
www.st.com


Similar Part No. - STPS20200CT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
STPS20200CT SUNMATE-STPS20200CT Datasheet
623Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - STPS20200CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45_1 Datasheet
81Kb / 2P
POWER SCHOTTKY DIODE
SH0034 SSDI-SH0034 Datasheet
153Kb / 2P
SCHOTTKY POWER DIODE
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
Power Schottky Diode
1N8026-GA GENESIC-1N8026-GA Datasheet
768Kb / 5P
Power Schottky Diode
1N8028-GA GENESIC-1N8028-GA Datasheet
796Kb / 5P
Power Schottky Diode
1N8031-GA GENESIC-1N8031-GA Datasheet
676Kb / 5P
Power Schottky Diode
1N8034-GA GENESIC-1N8034-GA Datasheet
801Kb / 5P
Power Schottky Diode
GB02SHT03-46 GENESIC-GB02SHT03-46 Datasheet
557Kb / 4P
Power Schottky Diode
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com