Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20200CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20200CT
Description  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20200CT Datasheet HTML 1Page - STMicroelectronics STPS20200CT Datasheet HTML 2Page - STMicroelectronics STPS20200CT Datasheet HTML 3Page - STMicroelectronics STPS20200CT Datasheet HTML 4Page - STMicroelectronics STPS20200CT Datasheet HTML 5Page - STMicroelectronics STPS20200CT Datasheet HTML 6Page - STMicroelectronics STPS20200CT Datasheet HTML 7Page - STMicroelectronics STPS20200CT Datasheet HTML 8Page - STMicroelectronics STPS20200CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Characteristics
STPS20200C
2/15
DocID024382 Rev 2
1
Characteristics
General formula to calculate TJ(diode1) and TJ(diode2):
Tj(diode1) = P(diode1) x Rth(j-c)(per diode) + P(diode2) x Rth(c) + Tcase
Tj(diode2) = P(diode2) x Rth(j-c)(per diode) + P(diode1) x Rth(c) + Tcase
Table 2. Absolute ratings (limiting values, per diode, unless otherwise stated)
Symbol
Parameter
Value
Uni
t
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current,
δ = 0.5,
square wave
TO-220AB, D2PAK,
TO 220AB narrow leads
Tc = 160 °C Per device
20
A
TO-220FPAB
Tc = 105 °C Per device
20
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal, Tamb = 25 °C
180
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range(1)
-40 to +175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
D2PAK, TO-220AB,TO-220AB narrow leads
Per diode
Per device
1.30
0.75
°C/W
TO-220FPAB
Per diode
Per device
5.00
4.15
Rth(c)
Coupling
D2PAK, TO-220AB, TO-220AB narrow leads
0.20
TO-220FPAB
3.30
dP tot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com