Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS632LSC Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS632LSC
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS632LSC Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS632LSC Datasheet HTML 3Page - Allegro MicroSystems ATS632LSC Datasheet HTML 4Page - Allegro MicroSystems ATS632LSC Datasheet HTML 5Page - Allegro MicroSystems ATS632LSC Datasheet HTML 6Page - Allegro MicroSystems ATS632LSC Datasheet HTML 7Page - Allegro MicroSystems ATS632LSC Datasheet HTML 8Page - Allegro MicroSystems ATS632LSC Datasheet HTML 9Page - Allegro MicroSystems ATS632LSC Datasheet HTML 10Page - Allegro MicroSystems ATS632LSC Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
APPLICATIONS INFORMATION
Recommended Evaluation Technique. The self-
calibrating feature of the ATS632LSC requires that a
special evaluation technique be used to measure its high-
accuracy performance capabilities. Installation inaccura-
cies are calibrated out at power on; hence, it is extremely
important that the device be re-powered at each air gap
when gathering timing accuracy data.
Self-Calibrating Functions. This subassembly is
designed to minimize performance variation caused by
the large air gap variations resulting from installation by
self-calibrating at power-on. It is also designed to mini-
mize performance variation caused by the smaller, slower
air gap changes resulting from temperature change and
gear run-out during continuous operation by updating the
self-calibration periodically (after every 64 output pulses) if
necessary. These two functions should be tested using
the following procedure.
1.
Set the air gap to the desired value.
2.
Power down and then power on the device.
3.
Rotate the target at the desired speed.
4.
Wait for calibration to complete (16 output pulses to
occur).
5.
Monitor output for correct switching and measure
accuracy.
6.
Repeat the above for multiple air gaps within the
operating range of the device.
7.
This can be repeated over the entire temperature
range.
CRITERIA FOR DEVICE QUALIFICATION
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To
become qualified, except for the destructive ESD tests, no failures are permitted.
Test Method and
Samples
Qualification Test
Test Conditions
Test Length
Per Lot
Comments
Temperature Humidity
JESD22-A101,
1000 hrs
48
Device biased for
Bias Life
TA = 85°C, RH = 85%
minimum power
Bias Life
JESD22-A108,
1000 hrs
48
TA = 150°C, TJ = 165°C
(Surge Operating Life)
JESD22-A108,
168 hrs
48
TA = 175°C, TJ = 190°C
Autoclave, Unbiased
JESD22-A102,
96 hrs
48
TA = 121°C, 15 psig
High-Temperature
JESD22-A103,
1000 hrs
48
(Bake) Storage Life
TA = 170°C
Temperature Cycle
JESD22-A104
1000 cycles
48
-55
°C to +150°C
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure
Human Body Model
Reading
test
All leads > 8 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com