Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS632LSC Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS632LSC
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS632LSC Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS632LSC Datasheet HTML 4Page - Allegro MicroSystems ATS632LSC Datasheet HTML 5Page - Allegro MicroSystems ATS632LSC Datasheet HTML 6Page - Allegro MicroSystems ATS632LSC Datasheet HTML 7Page - Allegro MicroSystems ATS632LSC Datasheet HTML 8Page - Allegro MicroSystems ATS632LSC Datasheet HTML 9Page - Allegro MicroSystems ATS632LSC Datasheet HTML 10Page - Allegro MicroSystems ATS632LSC Datasheet HTML 11Page - Allegro MicroSystems ATS632LSC Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
continued next page…
Sensor Location (in millimeters)
(sensor location relative to package center is the design
objective)
MECHANICAL INFORMATION
† All industry-accepted soldering techniques are permitted for these subassemblies provided the indicated
maximum temperature for each component (e.g., sensor face, plastic housing) is not exceeded. Reasonable
dwell times, which do not cause melting of the plastic housing, should be used.
Component
Material
Function
Units
Package
Polyamide 6/12,
264 psi deflection temp. (DTUL)
200
°C
33% glass filled
Approximate melting temperature
219
°C
Circuit Board
High-temperature FR-4
Glass transition temperature
170
°C
Terminals
1 oz Copper
Terminal Finish
63/37 tin/lead solder plate
Flame Class Rating
UL94V-0
Dwg. MH-021 mm
0.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com