Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS535CSB Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS535CSB
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS535CSB Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS535CSB Datasheet HTML 1Page - Allegro MicroSystems ATS535CSB Datasheet HTML 2Page - Allegro MicroSystems ATS535CSB Datasheet HTML 3Page - Allegro MicroSystems ATS535CSB Datasheet HTML 4Page - Allegro MicroSystems ATS535CSB Datasheet HTML 5Page - Allegro MicroSystems ATS535CSB Datasheet HTML 6Page - Allegro MicroSystems ATS535CSB Datasheet HTML 7Page - Allegro MicroSystems ATS535CSB Datasheet HTML 8Page - Allegro MicroSystems ATS535CSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
Always order by complete part number, e.g., ATS632LSC .
ZERO-SPEED, SELF-CALIBRATING,
NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
The ATS632LSC gear-tooth sensor is an optimized Hall-effect IC/
magnet combination that provides tooth/valley recognition and ex-
tremely accurate tooth edge detection when used with large-pitch
targets. The sensor subassembly consists of a high-temperature
plastic shell that holds together a compound samarium-cobalt magnet,
a single-element self-calibrating Hall-effect IC that has been optimized
to the magnetic circuit, and a voltage regulator. This small package,
with its non-oriented operation, can be easily assembled and used in
conjunction with a number of gear configurations.
The gear sensing technology used for this sensor subassembly is
Hall-effect based. The sensor incorporates a single-element Hall IC
that switches in response to absolute magnetic signals created by a
ferrous target. The digital output is LOW over a tooth and HIGH over a
valley. The sophisticated processing circuitry contains self-calibrating
6-bit A/D circuitry that adapts the thresholds to the peak-to-peak
signals to minimize the effects of variation in application air gap on
switch-point timing accuracy. The effects of system and device offsets
are minimized by using active offset cancellation circuitry. The digital
algorithm provides zero-speed detection capabilities without the
associated running jitter inherent in classical digital solutions.
The sensor system is ideal for use in gathering speed, position and
profile information of ferrous objects. The device is particularly suited
to large tooth/valley sensing applications where accurate timing
accuracy is a desired feature. For applications requiring the sensing of
fine-pitch gears, the ATS611LSB is recommended.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ......................... 24 V
Reverse Supply Voltage,
VRCC (1 minute max.)................ -24 V
Output OFF Voltage, VOUT ................ 24 V
Output Current, IOUT .. Internally Limited
Reverse Output Current, IOUT ........ 50 mA
Package Power Dissipation,
PD .................................... See Graph
Operating Temperature Range,
TA ........................... -40°C to +150°C
Storage Temperature, TS ............ +170°C
ATS632LSC
continued next page…
Dwg. AH-008
1
2
3
1 = Supply
2 = Output
3 = Ground
PRELIMINARY INFORMATION
(subject to change without notice)
April 8, 1998


Similar Part No. - ATS535CSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
ATS50S3 ETC2-ATS50S3 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51S3 ETC2-ATS51S3 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
More results

Similar Description - ATS535CSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com