Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS32101 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS32101 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TS32101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
- 4 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS32101
Version 2.0
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range unless otherwise noted(1,2)
UNIT
VIN
-0.3 to 5.0
V
EN, PG, FB
-0.3 to 5.5
V
VSW
-1 to 6.0
V
VOUT, ISEN
-0.3 to 6.0
V
Continuous total power dissipation
See Dissipation Rating Table
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Charged Device Model
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
JA
Thermal Resistance Junction to Air (Note 1)
50
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ
Operating Ambient Temperature Range
-40 to 85
°C
TJ MAX
Maximum Junction Temperature
150
°C
TJ
Operating Junction Temperature Range
-40 to 125
°C
Note 1: Assumes TQFN-16 in 1 in2 area of 2 oz copper and 25C ambient temperature.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Input Operating Voltage
1.8
2.4
5.5
V
LOUT
Output Filter Inductor Typical Value (Note 1)
1.0
uH
COUT
Output Filter Capacitor Typical Value (Note 2)
33
47
100
uF
COUT2
VOUT2 Filter Capacitor Typical Value (Note 2)
0.1
1
uF
CBYPASS
Input Supply Bypass Capacitor Typical Value (Note 3)
8
10
uF
RTOP
Feedback Divider Resistor Typical Value (Note 4)
1000
kΩ
RBOT
Feedback Divider Resistor Typical Value (Note 4)
330
kΩ
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum input current requirement plus the inductor current
ripple. See Inductor Selection section to determine input current and ripple current.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1uF ceramic capacitor should be
added in parallel to CBYPASS.
Note 4: Values shown for 5V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com