Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS32101 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS32101 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TS32101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
- 7 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS32101
Version 2.0
Output Over Voltage Protection
The TS32101 has an output over voltage protection circuit which prevents the device from reaching a dangerously high voltage
under sudden light load conditions. The typical Overvoltage detection threshold is 102% of Vout.
Output Voltage Disable
When the enable pin of the TS32101 is low, not only is switching disabled, but the output is isolated from the input. This
functionality is maintained whether the output node is at a higher or a lower potential than the input voltage.
Low Power Mode
When the output current is low the TS32101 will detect and automatically enter low power mode. In low power mode,
switching stops when the output is slightly above the regulation point and the device enters a sleep state. The sleep state
continues until the output drops slightly below the regulation point. At this point, switching will resume and if the load current
is increased enough to prevent the output from going above the regulation point, low power mode is exited.
External Components
The internal compensation is optimized for a 47uF output capacitor and a 1.0uH inductor. To keep the output ripple low, a low
ESR (less than 35mOhm) ceramic capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com