Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2371 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2371
Description  1.8A, 24V, 700KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2371 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2371 Datasheet HTML 1Page - Monolithic Power Systems MP2371 Datasheet HTML 2Page - Monolithic Power Systems MP2371 Datasheet HTML 3Page - Monolithic Power Systems MP2371 Datasheet HTML 4Page - Monolithic Power Systems MP2371 Datasheet HTML 5Page - Monolithic Power Systems MP2371 Datasheet HTML 6Page - Monolithic Power Systems MP2371 Datasheet HTML 7Page - Monolithic Power Systems MP2371 Datasheet HTML 8Page - Monolithic Power Systems MP2371 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2371 – 1.8A, 24V, 700KHz STEP-DOWN CONVERTER
MP2371 Rev. 1.0
www.MonolithicPower.com
3
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1, 8
NC
No Connect.
2
SW
Switch Output.
3
IN
Supply Voltage. The MP2371 operates from a +4.5V to +24V unregulated input. C1 is needed
to prevent large voltage spikes from appearing at the input.
4
EN
On/Off Control Input. Pull above 1.5V to turn the device on.
5
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets the
output voltage. To prevent current limit run away during a short circuit fault condition the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is below
250mV.
6
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason care
must be taken in its layout. This node should be placed outside of the D1 to C1 ground path to
prevent switching current spikes from inducing voltage noise into the part.
7
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply voltage. It
is connected between SW and BST pins to form a floating supply across the power switch
driver.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com