Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2371 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2371
Description  1.8A, 24V, 700KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2371 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2371 Datasheet HTML 1Page - Monolithic Power Systems MP2371 Datasheet HTML 2Page - Monolithic Power Systems MP2371 Datasheet HTML 3Page - Monolithic Power Systems MP2371 Datasheet HTML 4Page - Monolithic Power Systems MP2371 Datasheet HTML 5Page - Monolithic Power Systems MP2371 Datasheet HTML 6Page - Monolithic Power Systems MP2371 Datasheet HTML 7Page - Monolithic Power Systems MP2371 Datasheet HTML 8Page - Monolithic Power Systems MP2371 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2371 – 1.8A, 24V, 700KHz STEP-DOWN CONVERTER
MP2371 Rev. 1.0
www.MonolithicPower.com
4
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.8V, L=6.8µH, ILOAD=0.5A – 1.8A, TA = +20°C, unless otherwise noted.
0
204060
100
80
01
5
700
720
740
760
780
800
820
840
860
880
900
10
15
20
0
20
525
10
15
0
0.5
0
5
10
15
20
25
30
35
40
1.0
1.5
2.0
0
0.5
1.0
1.5
2.5
2.0
3.0
0
510
15
20
25
DMAX Limit
VOUT_MAX
Minimum On Time Limit
VFB_MIN
VIN=12V
VIN=20V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com