Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76 Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC76
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76 Datasheet(HTML) 1 Page - Microchip Technology

  93LC76 Datasheet HTML 1Page - Microchip Technology 93LC76 Datasheet HTML 2Page - Microchip Technology 93LC76 Datasheet HTML 3Page - Microchip Technology 93LC76 Datasheet HTML 4Page - Microchip Technology 93LC76 Datasheet HTML 5Page - Microchip Technology 93LC76 Datasheet HTML 6Page - Microchip Technology 93LC76 Datasheet HTML 7Page - Microchip Technology 93LC76 Datasheet HTML 8Page - Microchip Technology 93LC76 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS21131E-page 1
93LC76/86
Features:
• Single supply with programming operation down
to 2.5V
• Low-power CMOS technology
- 1 mA active current typical
-5
µA standby current (typical) at 3.0V
• ORG pin selectable memory configuration
1024 x 8 or 512 x 16 bit organization (93LC76)
2048 x 8 or 1024 x 16 bit organization (93LC86)
• Self-timed erase and write cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device status signal during erase/write cycles
• Sequential read function
• 1,000,000 erase/write cycles ensured
• Data retention > 200 years
• 8-pin PDIP/SOIC package
• Temperature ranges available
Description:
The Microchip Technology Inc. 93LC76/86 are 8K and
16K low voltage serial Electrically Erasable PROMs.
The device memory is configured as x8 or x16 bits
depending on the ORG pin setup. Advanced CMOS
technology makes these devices ideal for low power
nonvolatile memory applications. These devices also
have a Program Enable (PE) pin to allow the user to
write-protect the entire contents of the memory array.
The 93LC76/86 is available in standard 8-pin PDIP and
8-pin surface mount SOIC packages.
Package Types
Block Diagram
- Commercial (C)
0°C to +70°C
- Industrial (I)
-40°C to +85°C
SOIC Package
PDIP Package
CS
CLK
DI
DO
VSS
PE
VCC
ORG
CS
CLK
DI
DO
VCC
PE
ORG
VSS
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
DO
CS
CLK
VCC VSS
Memory
Array
Address
Decoder
Data
Register
Counter
Address
Output
Buffer
Mode
Decode
Logic
Generator
Clock
DI
PE
8K/16K 2.5V Microwire Serial EEPROM
Not recommended for new designs –
Please use 93LC76C or 93LC86C.


Similar Part No. - 93LC76

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2010
logo
SYC Electronica
93LC76 SYC-93LC76 Datasheet
180Kb / 9P
8K/16K 2.5V Microwire® Serial EEPROM
logo
Microchip Technology
93LC76-/P MICROCHIP-93LC76-/P Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
93LC76-/SN MICROCHIP-93LC76-/SN Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
More results

Similar Description - 93LC76

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
8K/16K 1.8V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
8K/16K 1.8V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2010
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com