Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2480DN
Description  5V, 36V Input, 3A High Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2480DN Datasheet HTML 1Page - Monolithic Power Systems MP2480DN Datasheet HTML 2Page - Monolithic Power Systems MP2480DN Datasheet HTML 3Page - Monolithic Power Systems MP2480DN Datasheet HTML 4Page - Monolithic Power Systems MP2480DN Datasheet HTML 5Page - Monolithic Power Systems MP2480DN Datasheet HTML 6Page - Monolithic Power Systems MP2480DN Datasheet HTML 7Page - Monolithic Power Systems MP2480DN Datasheet HTML 8Page - Monolithic Power Systems MP2480DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2480 – 36V INPUT, 3A HIGH POWER LED DRIVER
MP2480 Rev. 1.01
www.MonolithicPower.com
4
1/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8-EP
Pin #
Name
Description
1
SW
Switch Node. Output from the high-side switch. Requires a low-VF Schottky rectifier.
Place the rectifier close to the SW pins to reduce switching spikes.
2
DIM
PWM Dimming Input. Pull this pin below the specified threshold to turn dimming off. Pull
this pin above the specified threshold to turn dimming on. If there is no need for
dimming, connect DIM and EN pins together.
3
EN
Enable Input. Pull this pin below the specified threshold to shutdown the chip. Pull this
pin up above the specified threshold or leave it floating to enable the chip.
4
GND,
Exposed
pad
Ground. Connect as close as possible to the output capacitor. Avoid the high-current
switching paths. Connect exposed pad to GND plane for optimal thermal performance.
5
FB
Feedback. Input to hysteretic comparators. Connect an external current sensing resistor
in series with the LEDs to GND. Connects with the feedback voltage; regulated at
+200mV with 25% ripple.
6
NC
Not connected
7
VIN
Input Supply. Supplies power to all the internal control circuitry, including both bootstrap
regulators and the high-side switch. Place a decoupling capacitor to ground close to this
pin to minimize switching spikes.
8
BST
Bootstrap. Positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com