Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2480DN
Description  5V, 36V Input, 3A High Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2480DN Datasheet HTML 4Page - Monolithic Power Systems MP2480DN Datasheet HTML 5Page - Monolithic Power Systems MP2480DN Datasheet HTML 6Page - Monolithic Power Systems MP2480DN Datasheet HTML 7Page - Monolithic Power Systems MP2480DN Datasheet HTML 8Page - Monolithic Power Systems MP2480DN Datasheet HTML 9Page - Monolithic Power Systems MP2480DN Datasheet HTML 10Page - Monolithic Power Systems MP2480DN Datasheet HTML 11Page - Monolithic Power Systems MP2480DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP2480 – 36V INPUT, 3A HIGH POWER LED DRIVER
MP2480 Rev. 1.01
www.MonolithicPower.com
9
1/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Hysteresis Current Control with Adaptive
Threshold Adjustment
MP2480 operates in a hysteretic current-control
mode to accurately regulate the LED current.
The sensing resistor (RFB) connects to the FB
pin to sense the LED current. The power
MOSFET turns on and remains on until the
voltage on the FB pin rises to the upper
threshold of 225mV. The power MOSFET then
turns off and remains off until FB pin falls to the
lower threshold of 175mV. The two thresholds
are adaptive and adjust to compensate for
circuit delay. This regulates the LED current
very accurately with an average of 200mV at
the FB pin.
Enable Control
The MP2480 has a dedicated enable-control
pin (EN) with positive logic. Its falling threshold
is 1.23V, and its rising threshold is 1.55V
(320mV higher).
When floating, EN pulls up to about 3.0V by an
internal 1µA current source so it is enabled.
Pulling down a floating EN requires a current
capability of 1µA..
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection, with a
rising threshold of 2.2V and a falling threshold
of 150mV.
The dedicated internal bootstrap regulator
charges and regulates the bootstrap capacitor
to around 5V.
In case the internal circuit does not have
sufficient voltage and the bootstrap capacitor
has insufficient charge, extra external circuitry
can ensure that the bootstrap voltage is in the
normal operational region. Refer to External
Bootstrap Diode in the Application section.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at insufficient supply voltage.
The UVLO rising threshold is about 4.0V while
its falling threshold is a consistent 3.6V.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature rises above
its upper threshold, the chip shuts down. When
the temperature falls below its lower threshold,
the chip is enabled again.
LED Short Protection
The LED current is within its limits and well-
regulates while FB pin voltage is 200mV, as
long as RFB has not failed.
If the LED sensing resistor has failed or the
output has shorted to GND, the voltage of FB
pin falls. VIN charges the inductor. When the
inductor current reaches the current limit value,
the power MOSFET turns off. MP2480 will retry
the operation after about 300µs delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com