Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2489DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2489DN
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2489DN Datasheet HTML 1Page - Monolithic Power Systems MP2489DN Datasheet HTML 2Page - Monolithic Power Systems MP2489DN Datasheet HTML 3Page - Monolithic Power Systems MP2489DN Datasheet HTML 4Page - Monolithic Power Systems MP2489DN Datasheet HTML 5Page - Monolithic Power Systems MP2489DN Datasheet HTML 6Page - Monolithic Power Systems MP2489DN Datasheet HTML 7Page - Monolithic Power Systems MP2489DN Datasheet HTML 8Page - Monolithic Power Systems MP2489DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
3
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
6
60
V
Shutdown Supply Current
ISD
108
µA
Quiescent Supply Current
IQ
No Switching
1
mA
Internal Reference Voltage
IREF
1.275
V
Feedback Reference Voltage
(with respect to VIN)
VIN-VRS VEN/DIM = 1.28V
192
202
212
mV
Feedback
Reference
Voltage
Hysterisis
VFB_HYS
±30
mV
EN/DIM Max Dimming Voltage
VDIM_MAX
2.56
V
EN/DIM Mim Dimming Voltage
VDIM_MIN
0.3
V
EN/DIM Enable High Voltage
VEN_HIGH VEN Rising
0.3
V
EN/DIM Enable Low Volatge
VEN_LOW VEN Falling
0.16
V
EN/DIM Up-pulling Resistor
REN
45
kΩ
Recommended PWM Dimming
Frequency
FPWM
0.1
2
kHz
Switch On Resistance
RDS_ON
0.5
Ω
Minimum On Time
TON_MIN
100
ns
Minimum Off Time
TOFF_MIN
100
ns
Recommended
Maximum
Operating Frequency
FMAX
600
kHz
Recommended Duty Cycle Range
at FMAX
D
30
70
%
Start Up Time
TSS
External capacitor on dim
pin is 4.7nF
0.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com