Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2489DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2489DN
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2489DN Datasheet HTML 5Page - Monolithic Power Systems MP2489DN Datasheet HTML 6Page - Monolithic Power Systems MP2489DN Datasheet HTML 7Page - Monolithic Power Systems MP2489DN Datasheet HTML 8Page - Monolithic Power Systems MP2489DN Datasheet HTML 9Page - Monolithic Power Systems MP2489DN Datasheet HTML 10Page - Monolithic Power Systems MP2489DN Datasheet HTML 11Page - Monolithic Power Systems MP2489DN Datasheet HTML 12Page - Monolithic Power Systems MP2489DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
12
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2012 MPS. All Rights Reserved.
QFN6 (3mm x 3mm)
SIDE VIEW
TOP VIEW
1
6
4
3
BOTTOM VIEW
2.90
3.10
1.40
1.60
2.90
3.10
2.20
2.40
0.95
BSC
0.35
0.45
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.50
0.95
0.40
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-229, VARIATION VEEA-2.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
2.30
0.80
PIN 1 ID OPTION A
R0.20 TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.35
0.55
PIN 1 ID
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com