Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2492 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2492
Description  2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2492 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2492 Datasheet HTML 1Page - Monolithic Power Systems MP2492 Datasheet HTML 2Page - Monolithic Power Systems MP2492 Datasheet HTML 3Page - Monolithic Power Systems MP2492 Datasheet HTML 4Page - Monolithic Power Systems MP2492 Datasheet HTML 5Page - Monolithic Power Systems MP2492 Datasheet HTML 6Page - Monolithic Power Systems MP2492 Datasheet HTML 7Page - Monolithic Power Systems MP2492 Datasheet HTML 8Page - Monolithic Power Systems MP2492 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2492 – 2A, 55V, 100kHz WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2492 Rev. 1.0
www.MonolithicPower.com
5
12/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=220uF, C2=2.2uF, C3=39uF, C4=22uF, L=39uH, TA=25ºC,unless otherwise noted.
2.0
2.8
3.6
4.4
5.2
6.0
0
20406080
100
DUTY CYCLE ( % )
IOUT (A)
IOUT (A)
IOUT (A)
Load Regulation
Load Regulation
Load Regulation
Maximum IOUT vs.
Duty Cycle
Loop Gain with Phase Margin
VIN=12V, VOUT=5V, IOUT=1.8A
4.980
4.984
4.988
4.992
4.996
5.000
5.004
0.0
0.4
0.8
1.2
1.6
2.0
VIN=8V
VIN=12V
VIN=50V
3.290
3.294
3.298
3.302
3.306
3.310
0.0
0.4
0.8
1.2
1.6
2.0
2.500
2.502
2.504
2.506
2.508
2.510
0.0
0.4
0.8
1.2
1.6
2.0
VIN=8V
VIN=50V
VIN=12V
VIN=12V
VIN=50V
20
30
40
50
60
70
80
90
100
0.0
0.4
0.8
1.2
1.6
2.0
IOUT (A)
VOUT =5V
VOUT =5V
Efficiency vs. Load Current
Efficiency vs. Load Current
Efficiency vs. Load Current
VIN=8V
VIN=12V
VIN=50V
20
30
40
50
60
70
80
90
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=8V
VIN=12V
VIN=50V
IOUT (A)
VOUT =3.3V
VOUT =3.3V
20
30
40
50
60
70
80
90
100
0.0
0.4
0.8
1.2
1.6
2.0
IOUT (A)
VOUT =2.5V
VOUT =2.5V
VIN=4.5V
VIN=12V
VIN=50V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0.1
1
10
100
1000
FREQUENCY (kHz)
-200
-160
-120
-80
-40
0
40
80
120
160
200
Current regulation
Sense to DCR
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
LOAD CURRENT ( A )
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com