Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2492 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2492
Description  2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2492 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2492 Datasheet HTML 1Page - Monolithic Power Systems MP2492 Datasheet HTML 2Page - Monolithic Power Systems MP2492 Datasheet HTML 3Page - Monolithic Power Systems MP2492 Datasheet HTML 4Page - Monolithic Power Systems MP2492 Datasheet HTML 5Page - Monolithic Power Systems MP2492 Datasheet HTML 6Page - Monolithic Power Systems MP2492 Datasheet HTML 7Page - Monolithic Power Systems MP2492 Datasheet HTML 8Page - Monolithic Power Systems MP2492 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2492
2A, 55V, 100kHz Step-Down Converter
with Programmable Output Current Limit
MP2492 Rev. 1.0
www.MonolithicPower.com
1
12/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2492 is a monolithic step-down switch
mode converter with a programmable output
current limit. It achieves 2A continuous output
current over a wide input supply range with
excellent load and line regulation.
The
maximum
output
current
can
be
programmed by sensing current through the
inductor DC resistance (DCR) or an accurate
sense resistor.
MP2492 achieves low EMI signature with well
controlled switching edges.
Fault condition protection includes cycle-by-cycle
current limiting, and thermal shutdown.
The MP2492 requires a minimum number of
readily available standard external components.
The MP2492 is available in QFN10 (3mm x 3mm)
and SOIC8E packages.
FEATURES
• Wide 4.5V to 55V Operating Input Range
• Programmable up to 2A Output Current
• Output Adjustable from 0.8V to 15V
• Programmable Output Current Limit without
power loss
• 0.25Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Fixed 100kHz Frequency
• Low EMI signature
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Available in QFN10 and SOIC8E Packages
APPLICATIONS
•
USB Power Supplies
•
Automotive Cigarette Lighter Adapters
•
Power Supply for Linear Chargers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
, VOUT =5V
VIN =12V
Efficiency
20
30
40
50
60
70
80
90
100
0.0
0.4
0.8
1.2
1.6
2.0
IOUT (A)


Similar Part No. - MP2492

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490CP MPS-MP2490CP Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DQ MPS-MP2490DQ Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DS MPS-MP2490DS Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2491CGQB MPS-MP2491CGQB Datasheet
1Mb / 20P
32V, 6A, Step-Down Converter with Programmable Current Limit and Output Voltage Scaling Control
Rev. 1.0
More results

Similar Description - MP2492

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
2A, 55V, 100kHz Step-Down Converter
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2499 MPS-MP2499 Datasheet
1,002Kb / 12P
Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com