Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2494DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2494DN
Description  2A, 55V, 100kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2494DN Datasheet HTML 1Page - Monolithic Power Systems MP2494DN Datasheet HTML 2Page - Monolithic Power Systems MP2494DN Datasheet HTML 3Page - Monolithic Power Systems MP2494DN Datasheet HTML 4Page - Monolithic Power Systems MP2494DN Datasheet HTML 5Page - Monolithic Power Systems MP2494DN Datasheet HTML 6Page - Monolithic Power Systems MP2494DN Datasheet HTML 7Page - Monolithic Power Systems MP2494DN Datasheet HTML 8Page - Monolithic Power Systems MP2494DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2494 –2A, 55V, 100kHz STEP-DOWN CONVERTER
MP2494 Rev. 1.0
www.MonolithicPower.com
4
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
VIN
Supply Voltage. The MP2494 operates from a +4.5V to +55V unregulated input. CIN is
needed to prevent large voltage spikes from appearing at the input. Put CIN as close to
the IC as possible. It is the drain of the internal power device and power supply for the
whole chip.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the D1 to CIN
ground path to prevent switching current spikes from inducing voltage noise into the part.
3
EN
On/Off Control Input.
4
FB
An external resistor divider from the output to GND tapped to the FB pin sets the output
voltage. It is pulled up to 4V power supply internally by a 2Meg resistor.
5
SS
Connect to an external capacitor used for Soft-Start.
6
GS
Ground Sense Input. Connect to ground.
7
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver. An on-chip regulator is used to charge up the external boot-strap
capacitor. If the on-chip regulator is not strong enough, one optional diode can be
connected from IN or OUT to charge the external boot-strap capacitor.
8
SW
Switch Output. It is the source of power device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com