Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2494DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2494DN
Description  2A, 55V, 100kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2494DN Datasheet HTML 3Page - Monolithic Power Systems MP2494DN Datasheet HTML 4Page - Monolithic Power Systems MP2494DN Datasheet HTML 5Page - Monolithic Power Systems MP2494DN Datasheet HTML 6Page - Monolithic Power Systems MP2494DN Datasheet HTML 7Page - Monolithic Power Systems MP2494DN Datasheet HTML 8Page - Monolithic Power Systems MP2494DN Datasheet HTML 9Page - Monolithic Power Systems MP2494DN Datasheet HTML 10Page - Monolithic Power Systems MP2494DN Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP2494 –2A, 55V, 100kHz STEP-DOWN CONVERTER
MP2494 Rev. 1.0
www.MonolithicPower.com
7
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
Main Control Loop
The MP2494 is a current mode buck regulator.
That is, the EA output voltage is proportional to
the peak inductor current.
At the beginning of a cycle SW is off; the EA
output voltage is higher than the current sense
amplifier output; and the current comparator’s
output is low. The rising edge of the 100kHz
CLK signal sets the RS Flip-Flop. Its output
turns on SW thus connecting the SW pin and
inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
compensation is summed to Current Sense
Amplifier output and compared to the Error
Amplifier output by the Current Comparator.
When the Current Sense Amplifier plus Slope
Compensation signal exceeds the EA output
voltage, the RS Flip-Flop is reset and the
MP2494 reverts to its initial SW off state.
If the Current Sense Amplifier plus Slope
Compensation signal does not exceed the
COMP voltage, then the falling edge of the CLK
resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 0.8V bandgap reference. The polarity is
such that an FB pin voltage lower than 0.8V
increases the EA output voltage. Since the EA
output voltage is proportional to the peak
inductor current, an increase in its voltage
increases current delivered to the output. An
external Schottky Diode (D1) carries the
inductor current when SW is off.
Enable Control
The MP2494 has an Enable control pin (EN).
Drive EN above 1.8V to turn on the MP2494.
Drive EN below 0.4V to turn it off. Tie EN to VIN
for automatic start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com