Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2495DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2495DS
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2495DS Datasheet HTML 1Page - Monolithic Power Systems MP2495DS Datasheet HTML 2Page - Monolithic Power Systems MP2495DS Datasheet HTML 3Page - Monolithic Power Systems MP2495DS Datasheet HTML 4Page - Monolithic Power Systems MP2495DS Datasheet HTML 5Page - Monolithic Power Systems MP2495DS Datasheet HTML 6Page - Monolithic Power Systems MP2495DS Datasheet HTML 7Page - Monolithic Power Systems MP2495DS Datasheet HTML 8Page - Monolithic Power Systems MP2495DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
2
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2495DS
SOIC16
MP2495DS
* For Tape & Reel, add suffix –Z (e.g. MP2495DS–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2495DS–LF–Z)
PACKAGE REFERENCE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FB
SS
ISP
ISN
N/C
N/C
IN
IN
EN
GND
VDD
SW
BST
CTR
OUT
OUT
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage IN ...................................... 100V
IN to CTR......................................-0.3V to 100V
OUT to CTR ....................................-0.3V to 45V
VDD ............................................................... 40V
VSW...................................... –0.3V to VDD + 0.3V
VBST ................................................... VSW + 6.5V
VISN, vISP................................................0V to15V
All Other Pins..............................–0.3V to +6.5V
Continuous Power Dissipation
(TA = +25°C)
(2)
........................................................... 1.56W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage.....................................6.5V – 16V
VIN Max Transient ............. 80V/100ms duration
Input Voltage....................................6.5V to 18V
VIN Max Transient ............. 70V/100ms duration
VDD ............................................................... 36V
Output Voltage VOUT (VIN>16.5V) .....0.8V to 15V
Output Voltage VOUT (VIN≤16.5V).. 0.8V to (VIN–1.5)V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC16 ...................................80 ...... 30 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com